Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR6M1 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST7265AR6M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6M1 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST7265AR6M1 Datasheet HTML 26Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 27Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 28Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 29Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 30Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 31Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 32Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 33Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 166 page
background image
ST7265x
30/166
RESET SEQUENCE MANAGER (Cont’d)
6.2.2 Asynchronous External RESET pin
The RESET pin is both an input and an open-drain
output with integrated RON weak pull-up resistor.
This pull-up has no fixed value but varies in ac-
cordance with the input voltage. It can be pulled
low by external circuitry to reset the device. See
electrical characteristics section for more details.
A RESET signal originating from an external
source must have a duration of at least th(RSTL)in in
order to be recognized. This detection is asynchro-
nous and therefore the MCU can enter reset state
even in HALT mode.
The RESET pin is an asynchronous signal which
plays a major role in EMS performance. In a noisy
environment, it is recommended to follow the
guidelines mentioned in the electrical characteris-
tics section.
If the external RESET pulse is shorter than
tw(RSTL)out (see short ext. Reset in Figure 18), the
signal on the RESET pin will be stretched. Other-
wise the delay will not be applied (see long ext.
Reset in Figure 18).
Starting from the external RESET pulse recogni-
tion, the device RESET pin acts as an output that
is pulled low during at least tw(RSTL)out.
6.2.3 Internal Low Voltage Detection RESET
Two different RESET sequences caused by the in-
ternal LVD circuitry can be distinguished:
s
Power-On RESET
s
Voltage Drop RESET
The device RESET pin acts as an output that is
pulled low when VDD<VIT+ (rising edge) or
VDD<VIT- (falling edge) as shown in Figure 18.
The LVD filters spikes on VDD shorter than tg(VDD)
to avoid parasitic resets.
6.2.4 Internal Watchdog RESET
The RESET sequence generated by a internal
Watchdog counter overflow is shown in Figure 18.
Starting from the Watchdog counter underflow, the
device RESET pin acts as an output that is pulled
low during at least tw(RSTL)out.
Figure 19. Reset Block Diagram
fCPU
RESET
RON
VDD
WATCHDOG RESET
LVD RESET
INTERNAL
RESET
PULSE
GENERATOR
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com