Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR6M1 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST7265AR6M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6M1 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST7265AR6M1 Datasheet HTML 55Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 56Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 57Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 58Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 59Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 60Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 61Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 62Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 166 page
background image
ST7265x
59/166
WATCHDOG TIMER (Cont’d)
11.1.4 Software Watchdog Option
If Software Watchdog is selected by option byte,
the watchdog is disabled following a reset. Once
activated it cannot be disabled, except by a reset.
The T6 bit can be used to generate a software re-
set (the WDGA bit is set and the T6 bit is cleared).
11.1.5 Hardware Watchdog Option
If Hardware Watchdog is selected by option byte,
the watchdog is always active and the WDGA bit in
the CR is not used.
11.1.6 Low Power Modes
Recommendations
– Make sure that an external event is available to
wake up the microcontroller from Halt mode.
– Before executing the HALT instruction, refresh
the WDG counter, to avoid an unexpected WDG
reset immediately after waking up the microcon-
troller.
– When using an external interrupt to wake up the
microcontroller, reinitialize the corresponding I/O
as Input before executing the HALT instruction.
The main reason for this is that the I/O may be
wrongly configured due to external interference
or by an unforeseen logical condition.
– The opcode for the HALT instruction is 0x8E. To
avoid an unexpected HALT instruction due to a
program counter failure, it is advised to clear all
occurrences of the data value 0x8E from memo-
ry. For example, avoid defining a constant in
ROM with the value 0x8E.
– As the HALT instruction clears the I bits in the
CC register to allow interrupts, the user may
choose to clear all pending interrupt bits before
executing the HALT instruction. This avoids en-
tering other peripheral interrupt routines after ex-
ecuting the external interrupt routine
corresponding to the wake-up event (reset or ex-
ternal interrupt).
11.1.7 Interrupts
None.
Mode
Description
WAIT
No effect on Watchdog.
HALT
If the WDGHALT bit in the MISCR3 register is set, Halt mode can be used when the watchdog
is enabled. When the oscillator is stopped, the WDG stops counting and is no longer able to
generate a reset until the microcontroller receives an external interrupt or a reset.
If an external interrupt is received, the WDG restarts counting after 514 CPU clocks. In the case
of the Software Watchdog option, if a reset is generated, the WDG is disabled (reset state).
Note: In USB mode, and in Suspend mode, a reset is not generated by entering Halt mode
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com