Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 2Page - Texas Instruments ADS5481 Datasheet HTML 3Page - Texas Instruments ADS5481 Datasheet HTML 4Page - Texas Instruments ADS5481 Datasheet HTML 5Page - Texas Instruments ADS5481 Datasheet HTML 6Page - Texas Instruments ADS5481 Datasheet HTML 7Page - Texas Instruments ADS5481 Datasheet HTML 8Page - Texas Instruments ADS5481 Datasheet HTML 9Page - Texas Instruments ADS5481 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ADS5481
ADS5482, ADS5483
SLAS565 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (ADS5481, ADS5482, ADS5483) (continued)
Typical values at TA = +25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = +85°C,
sampling rate = Max Rated, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input,
and 3-VPP differential clock, unless otherwise noted.
ADS5481
ADS5482
ADS5483
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fIN = 10 MHz
TBD
103
TBD
96
87
110
fIN = 30 MHz
TBD
100
TBD
98
87
100
HD3
Third-harmonic
fIN = 70 MHz
94
93
96
dBc
fIN = 100 MHz
92
93
88
fIN = 130 MHz
88
fIN = 10 MHz
TBD
100
TBD
98
87
97
fIN = 30 MHz
TBD
98
TBD
98
87
97
Worst harmonic/spur
fIN = 70 MHz
96
97
98
dBc
(other than HD2 and HD3)
fIN = 100 MHz
96
94
97
fIN = 130 MHz
96
fIN = 10 MHz
TBD
96
TBD
94
84
97
fIN = 30 MHz
TBD
94
TBD
93
84
94
THD
Total harmonic distortion
fIN = 70 MHz
93
88
91
dBc
fIN = 100 MHz
88
92
86
fIN = 130 MHz
83
fIN = 10 MHz
TBD
80
TBD
79.3
75
77.9
fIN = 30 MHz
TBD
79.5
TBD
79.3
75
77.8
SINAD
Signal-to-noise and distortion
fIN = 70 MHz
78.9
78.2
77.4
dBc
fIN = 100 MHz
77.8
78
76.6
fIN = 130 MHz
76
fIN1 = 29.5 MHz, fIN2 = 30.5
MHz, each at –7 dBFS,
103
101
100
worst spur
IMD
Two-tone SFDR
dBFS
fIN1 = 102 MHz, fIN2 = 103
MHz, each at –7 dBFS,
90
worst spur
Effective number of bits
fIN = 10 MHz (from SINAD
TBD
13
TBD
12.9
12.16
12.6
in dBc)
ENOB
Bits
fIN = 30 MHz (from SINAD
TBD
12.9
TBD
12.9
12.16
12.6
in dBc)
RMS idle-channel noise
analog inputs shorted
1.8
1.8
2.2
LSBrms
together
LVDS DIGITAL OUTPUTS
Assumes a 100
Ω differential
247
350
454
247
350
454
247
350
454
mV
VOD
Differential output voltage (±)
load on each LVDS pair and
LVDS bias = 3.5 mA
Common-mode output
1.125
1.375
1.125
1.375
1.125
1.375
V
VOC
voltage
DIGITAL INPUTS
VIH
High Level Input Voltage
2.0
2.0
2.0
V
VIL
Low Level Input Voltage
0.8
0.8
0.8
V
IIH
High Level Input Current
PDWNF, PDWNS, DITHER
1
1
1
µA
IIL
Low Level Input Current
-1
-1
-1
µA
Input Capacitance
2
2
2
pF
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482, ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com