Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 10Page - Texas Instruments ADS5481 Datasheet HTML 11Page - Texas Instruments ADS5481 Datasheet HTML 12Page - Texas Instruments ADS5481 Datasheet HTML 13Page - Texas Instruments ADS5481 Datasheet HTML 14Page - Texas Instruments ADS5481 Datasheet HTML 15Page - Texas Instruments ADS5481 Datasheet HTML 16Page - Texas Instruments ADS5481 Datasheet HTML 17Page - Texas Instruments ADS5481 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Input Amplitude − dBFS
−80
−60
−40
−20
0
20
40
60
80
100
120
140
160
180
−100 −90
−80
−70
−60
−50
−40
−30
−20
−10
0
G046
fS = 135 MSPS
fIN = 30 MHz
AIN = −0.8 to −100 dBFS
512k Point FFT
SFDR (dBc,
Dither OFF)
SFDR (dBFS,
Dither OFF)
SNR (dBFS,
Dither OFF)
SFDR (dBc,
Dither ON)
SNR (dBc,
Dither OFF)
SFDR (dBFS,
Dither ON)
SNR (dBc,
Dither ON)
SNR (dBFS,
Dither ON)
Output Code
0
5
10
15
20
25
30
35
G045
fs = 80 MSPS for ADS5481
fs = 105 MSPS for ADS5482
fs = 135 MSPS for ADS5483
Analog Inputs Shorted to
VCM
ADS5481/5482
ADS5483
Input Amplitude − dBFS
−80
−60
−40
−20
0
20
40
60
80
100
120
140
160
180
−100 −90
−80
−70
−60
−50
−40
−30
−20
−10
0
G065
fS = 135 MSPS
fIN = 100 MHz
AIN = −0.6 to −100 dBFS
512k Point FFT
SFDR (dBc,
Dither OFF)
SFDR (dBFS,
Dither OFF)
SNR (dBFS,
Dither OFF)
SFDR (dBc,
Dither ON)
SNR (dBc,
Dither OFF)
SFDR (dBFS,
Dither ON)
SNR (dBc,
Dither ON)
SNR (dBFS,
Dither ON)
Input Amplitude − dBFS
−150
−140
−130
−120
−110
−100
−90
−80
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
G047
Dither, Dominant Spur (dBFS)
Dither, 2F1−F2 (dBFS)
No Dither, Dominant Spur (dBFS)
Dither, 2F2−F1 (dBFS)
ADS5481
ADS5482, ADS5483
SLAS565 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = Max Rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
AC PERFORMANCE
vs
NOISE HISTOGRAM WITH INPUTS SHORTED
INPUT AMPLITUDE (30 MHz Input Signal)
Figure 18.
Figure 19.
AC PERFORMANCE
TWO-TONE PERFORMANCE
vs
vs
INPUT AMPLITUDE (100 MHz Input Signal)
INPUT AMPLITUDE (f1 = 39.5 MHz and f2 = 40.5 MHz)
Figure 20.
Figure 21.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482, ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com