Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 5Page - Texas Instruments ADS5481 Datasheet HTML 6Page - Texas Instruments ADS5481 Datasheet HTML 7Page - Texas Instruments ADS5481 Datasheet HTML 8Page - Texas Instruments ADS5481 Datasheet HTML 9Page - Texas Instruments ADS5481 Datasheet HTML 10Page - Texas Instruments ADS5481 Datasheet HTML 11Page - Texas Instruments ADS5481 Datasheet HTML 12Page - Texas Instruments ADS5481 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ADS5481
ADS5482, ADS5483
www.ti.com ...................................................................................................................................................................................................... SLAS565 – JUNE 2008
Table 1. TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
1, 2, 8, 14, 18,
AVDD5
5V Analog Supply
24, 27, 30
9, 15, 19, 25,
AVDD3
3.3V Analog Supply
28, 31
3, 7, 10, 13, 17,
AGND
20, 23, 26, 29,
Analog Ground
32
DVDD3
42, 52, 63
3.3V Digital Supply
DGND
41, 51, 64
Digital Ground
NC
5, 6, 37-40
No Connects - leave floating
INP, INM
11, 12
Differential Analog Inputs (P = Plus = true, M = Minus = complement)
CLKM, CLKP
21, 22
Differential Clock Inputs (P = Plus = true, M = Minus = complement)
Reference Voltage Input/Output (1.2V nominal). To use an external reference and to turn the internal
REF
4
reference off, pull both PDWNF and PDWNS to logic HIGH (DVDD3).
Analog Input Common Mode, Output (3.1V), for use in applications that require use of the internally
VCM
16
generated common-mode. See the Applications section for more information on using VCM.
External Bias resistor for LVDS bias current, normally 10k
Ω to GND to provide nominal 3.5mA LVDS
LVDSB
33
current
Light Sleep Power Down, Fast Wakeup, Logic HIGH (DVDD3) = light sleep enabled (bandgap reference
PDWNF
35
remains ON)
Deep Sleep Power Down, Slow Wakeup, Logic HIGH (DVDD3) = deep sleep enabled (bandgap
PDWNS
34
reference is OFF)
DITHER
36
Dither Enable, Logic High (DVDD3) = dither enabled
DRY_P,
54, 53
DataReady Signal (LVDS Clockout) (P = Plus = true, M = Minus = complement)
DRY_M
D14_15_P,
62, 61
DDR LVDS output bits 14 then 15 (15 is MSB) (P = Plus = true, M = Minus = complement)
D14_15_M
DE_O_P,
43-50, 55-62
DDR LVDS output bits E (EVEN) then O (ODD) (P = Plus = true, M = Minus = complement)
DE_O_M
D0_1_P,
44, 43
DDR LVDS output bits 0 then 1 (0 is LSB) (P = Plus = true, M = Minus = complement)
D0_1_M
PowerPAD
65
Analog Ground (exposed pad on bottom of package)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS5481 ADS5482, ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com