Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 23Page - Texas Instruments ADS5481 Datasheet HTML 24Page - Texas Instruments ADS5481 Datasheet HTML 25Page - Texas Instruments ADS5481 Datasheet HTML 26Page - Texas Instruments ADS5481 Datasheet HTML 27Page - Texas Instruments ADS5481 Datasheet HTML 28Page - Texas Instruments ADS5481 Datasheet HTML 29Page - Texas Instruments ADS5481 Datasheet HTML 30Page - Texas Instruments ADS5481 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Layout Information
PowerPAD Package
Assembly Process
ADS5481
ADS5482, ADS5483
www.ti.com ...................................................................................................................................................................................................... SLAS565 – JUNE 2008
The evaluation board represents a good model of how to lay out the printed circuit board (PCB) to obtain the
maximum performance from the ADS548x. Follow general design rules, such as the use of multilayer boards, a
single ground plane for ADC ground connections, and local decoupling ceramic chip capacitors. The analog input
traces should be isolated from any external source of interference or noise, including the digital outputs as well
as the clock traces. The clock signal traces should also be isolated from other signals, especially in applications
such as high IF sampling where low jitter is required. Besides performance-oriented rules, care must be taken
when considering the heat dissipation of the device. The thermal heatsink included on the bottom of the package
should be soldered to the board as described in the PowerPad Package section. See the ADS548x EVM User
Guide on the TI web site for the evaluation board schematic.
The PowerPAD package is a thermally-enhanced, standard-size IC package designed to eliminate the use of
bulky heatsink and slugs traditionally used in thermal packages. This package can be easily mounted using
standard PCB assembly techniques, and can be removed and replaced using standard repair procedures.
The PowerPAD package is designed so that the leadframe die pad (or thermal pad) is exposed on the bottom of
the IC. This pad design provides an extremely low thermal resistance path between the die and the exterior of
the package. The thermal pad on the bottom of the IC can then be soldered directly to the PCB, using the PCB
as a heatsink.
1. Prepare the PCB top-side etch pattern including etch for the leads as well as the thermal pad as illustrated in
the Mechanical Data section (at the end of this data sheet).
2. Place a 6-by-6 array of thermal vias in the thermal pad area. These holes should be 13 mils (0.013 in or
0.3302 mm) in diameter. The small size prevents wicking of the solder through the holes.
3. It is recommended to place a small number of 25 mil (0.025 in or 0.635 mm) diameter holes under the
package, but outside the thermal pad area, to provide an additional heat path.
4. Connect all holes (both those inside and outside the thermal pad area) to an internal copper plane (such as a
ground plane).
5. Do not use the typical web or spoke via-connection pattern when connecting the thermal vias to the ground
plane. The spoke pattern increases the thermal resistance to the ground plane.
6. The top-side solder mask should leave exposed the terminals of the package and the thermal pad area.
7. Cover the entire bottom side of the PowerPAD vias to prevent solder wicking.
8. Apply solder paste to the exposed thermal pad area and all of the package terminals.
For more detailed information regarding the PowerPAD package and its thermal properties, see either the
PowerPAD Made Easy application brief (SLMA004) or the PowerPAD Thermally Enhanced Package application
report (SLMA002), both available for download at www.ti.com.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS5481 ADS5482, ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com