Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 9Page - Texas Instruments ADS5481 Datasheet HTML 10Page - Texas Instruments ADS5481 Datasheet HTML 11Page - Texas Instruments ADS5481 Datasheet HTML 12Page - Texas Instruments ADS5481 Datasheet HTML 13Page - Texas Instruments ADS5481 Datasheet HTML 14Page - Texas Instruments ADS5481 Datasheet HTML 15Page - Texas Instruments ADS5481 Datasheet HTML 16Page - Texas Instruments ADS5481 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
13.5
27.0
40.5
54.0
67.5
G041
fIN1 = 39.5 MHz, –10 dBFS
fIN2 = 40.5 MHz, –10 dBFS
IMD3 = 103 dBFS
SFDR = 100 dBFS
SNR = 79 dBFS
f − Frequency − Hz
−24
−21
−18
−15
−12
−9
−6
−3
0
3
10M
100M
1G
G042
ADS5483
ADS5481
ADS5482
Code
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
16384
32768
49152
65536
G043
fS = 135 MSPS
fIN = 10 MHz, –1 dBFS
Code
−4
−3
−2
−1
0
1
2
3
4
0
16384
32768
49152
65536
G044
fS = 135 MSPS
fIN = 10 MHz, –1 dBFS
ADS5481
ADS5482, ADS5483
www.ti.com ...................................................................................................................................................................................................... SLAS565 – JUNE 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = Max Rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
NORMALIZED GAIN RESPONSE
TWO-TONE INTERMODULATION DISTORTION
vs
(FFT for 39.5 MHz and 40.5 MHz at –10 dBFS)
INPUT FREQUENCY
Figure 14.
Figure 15.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
Figure 16.
Figure 17.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS5481 ADS5482, ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com