Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 13Page - Texas Instruments ADS5481 Datasheet HTML 14Page - Texas Instruments ADS5481 Datasheet HTML 15Page - Texas Instruments ADS5481 Datasheet HTML 16Page - Texas Instruments ADS5481 Datasheet HTML 17Page - Texas Instruments ADS5481 Datasheet HTML 18Page - Texas Instruments ADS5481 Datasheet HTML 19Page - Texas Instruments ADS5481 Datasheet HTML 20Page - Texas Instruments ADS5481 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
10
50
100
150
f -InputFrequency-MHz
IN
SNR-dBFS
200
250
300
40
50
60
110
70
80
90
100
120
130
135
70
72
74
73
75
76
M0048-02
78
78
78
77
77
77
79
79
78.5
78.5
78.5
71
80
76
76
76
75
75
75
74
74
73
72
74
77
78
79
10
50
100
150
f -InputFrequency-MHz
IN
SFDR-dBc
200
250
300
40
50
60
110
70
80
90
100
120
130
135
60
70
80
75
85
90
M0049-02
90
90
90
85
85
80
85
95
95
95
65
95
80
75
80
75
70
75
70
70
65
65
65
ADS5481
ADS5482, ADS5483
www.ti.com ...................................................................................................................................................................................................... SLAS565 – JUNE 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = Max Rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
SNR vs INPUT FREQUENCY AND SAMPLING FREQUENCY (ADS5483)
Figure 30.
SFDR vs INPUT FREQUENCY AND SAMPLING FREQUENCY (ADS5483)
Figure 31.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS5481 ADS5482, ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com