Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5481 Datasheet HTML 1Page - Texas Instruments ADS5481 Datasheet HTML 2Page - Texas Instruments ADS5481 Datasheet HTML 3Page - Texas Instruments ADS5481 Datasheet HTML 4Page - Texas Instruments ADS5481 Datasheet HTML 5Page - Texas Instruments ADS5481 Datasheet HTML 6Page - Texas Instruments ADS5481 Datasheet HTML 7Page - Texas Instruments ADS5481 Datasheet HTML 8Page - Texas Instruments ADS5481 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ADS5481
ADS5482, ADS5483
SLAS565 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
TEMPERATURE
DESIGNATOR
MARKING
NUMBER
MEDIA, QUANTITY
RANGE
ADS5481IRGCT
Tape and Reel, 250
ADS5481
QFN-64
RGC
–40°C to +85°C
AZ5481
ADS5481IRGCR
Tape and Reel, 2000
ADS5482IRGCT
Tape and Reel, 250
ADS5482
QFN-64
RGC
–40°C to +85°C
AZ5482
ADS5482IRGCR
Tape and Reel, 2000
ADS5483IRGCT
Tape and Reel, 250
ADS5483
QFN-64
RGC
–40°C to +85°C
AZ5483
ADS5483IRGCR
Tape and Reel, 2000
(1)
For the most current product and ordering information see the Package Option Addendum located at the end of this document, or see
the TI website at www.ti.com..
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482, ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com