Electronic Components Datasheet Search
  English  ▼

X  

AD1883 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1883
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1883 Datasheet(HTML) 5 Page - Analog Devices

  AD1883 Datasheet HTML 1Page - Analog Devices AD1883 Datasheet HTML 2Page - Analog Devices AD1883 Datasheet HTML 3Page - Analog Devices AD1883 Datasheet HTML 4Page - Analog Devices AD1883 Datasheet HTML 5Page - Analog Devices AD1883 Datasheet HTML 6Page - Analog Devices AD1883 Datasheet HTML 7Page - Analog Devices AD1883 Datasheet HTML 8Page - Analog Devices AD1883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1883
Rev. 0
|
Page 5 of 20
|
April 2008
DIGITAL-TO-ANALOG CONVERTERS
Resolution
24
Bits
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)1
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
Total Audible Out-of-Band Energy (Measured from 0.6 × fS to 20 kHz)
1
–85
dB
DAC Crosstalk (Input L, Zero R, Measure R_OUT; Input R, Zero L, Measure L_OUT)1
–95
dB
DAC VOLUMES
Step Size
1.5
dB
Output Gain/Attenuation Range
–58.5
0
dB
Mute Attenuation of 0 dB Fundamental1
–80
dB
ADC VOLUMES
Step Size
1.5
dB
PGA Gain/Attenuation Range
–58.5
+22.5
dB
ANALOG MIXER
Signal-to-Noise Ratio Input to Output—Ports B, C, E, or F to Port D Output
90
dB
Step Size: All Mixer Inputs
–1.5
dB
Input Gain/Attenuation Range: All Mixer Inputs
–34.5
+12.0
dB
ANALOG LINE LEVEL OUTPUTS
Full-Scale Output Voltage
1.0
2.83
V rms
V p-p
Ports A, D, E, F, and Mono Out
Output Impedance
1
190
Ω
External Load Impedance1
10
k
Ω
Output Capacitance
1
15
pF
External Load Capacitance
1000
pF
ANALOG HP DRIVE OUTPUTS
Full-Scale Output Voltage
1.0
2.83
V rms
V p-p
Ports A and D
Output Impedance
1
0.5
Ω
External Load Impedance1
32
Ω
Output Capacitance
1
15
pF
External Load Capacitance1
1000
pF
ANALOG INPUTS
Input Voltages—Ports B, C, E, or F
Mic Boost = 0 dB
1
2.83
V rms
V p-p
Input Voltages—Microphone Boost
Amplifier, Ports B, C, or E
Mic Boost = 10 dB
0.316
0.894
V rms
V p-p
Mic Boost = 20 dB
0.1
0.283
V rms
V p-p
Mic Boost = 30 dB
0.032
0.089
V rms
V p-p
Input Impedance
PCBeep
Ports B, C, E (Mic Boost = 0 dB)
Port F
23
150
45
k
Ω
k
Ω
k
Ω
Input Capacitance
1
57.5
pF
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com