Electronic Components Datasheet Search
  English  ▼

X  

AD1883 Datasheet(PDF) 18 Page - Analog Devices

Part # AD1883
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1883 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1883 Datasheet HTML 12Page - Analog Devices AD1883 Datasheet HTML 13Page - Analog Devices AD1883 Datasheet HTML 14Page - Analog Devices AD1883 Datasheet HTML 15Page - Analog Devices AD1883 Datasheet HTML 16Page - Analog Devices AD1883 Datasheet HTML 17Page - Analog Devices AD1883 Datasheet HTML 18Page - Analog Devices AD1883 Datasheet HTML 19Page - Analog Devices AD1883 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Rev. 0
|
Page 18 of 20
|
April 2008
AD1883
DEFAULT CONFIGURATION BYTES
Table 12. Default Configuration Bytes
31:30
29:28
27:24
23:20
Connectivity
Location
Def. Device
Node ID
Name
Value
Chassis
Position
0x11
Port A (Headphone)
0x0321 40F0
Jack
External
Left
HP Out
0x12
Port D (Line Out)
0x2121 4010
Jack
Separate
Rear
HP Out
0x13
Mono Out
0x9017 01F0
Fixed
Internal
N/A
Speaker
0x14
Port B (Mic In)
0x03A1 90F0
Jack
External
Left
Mic In
0x15
Port C (Line In)
0xB7A7 0121
Fixed
Other
Special 1
Mic In
0x16
Port F (Aux In/Out)
0x9933 012E
Fixed
Internal
Special 3
CD
0x17
Dig Mic Pin
0x97A6 01F0
None
Internal
Special 1
Mic In
0x1A
Analog PCBeep
0x90F3 01F0
Fixed
Internal
N/A
other
0x1B
S/PDIF Out
0x0145 10F0
Jack
External
Rear
SPDIF Out
0x1C
Port E (Dock I/O)
0x21A1 9020
Jack
Separate
Rear
Mic In
Table 12. Default Configuration Bytes (Continued)
19:16
15:12
8
7:4
3:0
Node ID
Name
Value
Conn Type
Color
JD OVRD
Def Assn.
Seq.
0x11
Port A (Headphone)
0x0321 40F0
1/8” Jack
Green
0
0xF
0x0
0x12
Port D (Line Out)
0x2121 4010
1/8” Jack
Green
0
0x1
0x0
0x13
Mono Out
0x9017 01F0
Other Analog
Unknown
1
0xF
0x0
0x14
Port B (Mic In)
0x03A1 90F0
1/8” Jack
Pink
0
0xF
0x0
0x15
Port C (Line In)
0xB7A7 0121
Other Analog
Unknown
1
0x2
0x1
0x16
Port F (Aux In/Out)
0x9933 012E
ATAPI
Unknown
1
0x2
0xE
0x17
Dig Mic Pin
0x97A6 01F0
Other Digital
Unknown
1
0xF
0x0
0x1A
Analog PCBeep
0x90F3 01F0
ATAPI
Unknown
1
0xF
0x0
0x1B
S/PDIF Out
0x0145 10F0
Optical
Black
0
0xF
0x0
0x1C
Port E (Dock I/O)
0x21A1 9020
1/8” Jack
Pink
0
0x2
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com