Electronic Components Datasheet Search
  English  ▼

X  

AD1883 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1883
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1883 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1883 Datasheet HTML 6Page - Analog Devices AD1883 Datasheet HTML 7Page - Analog Devices AD1883 Datasheet HTML 8Page - Analog Devices AD1883 Datasheet HTML 9Page - Analog Devices AD1883 Datasheet HTML 10Page - Analog Devices AD1883 Datasheet HTML 11Page - Analog Devices AD1883 Datasheet HTML 12Page - Analog Devices AD1883 Datasheet HTML 13Page - Analog Devices AD1883 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. 0
|
Page 10 of 20
|
April 2008
AD1883
Table 5. Pin Function Descriptions
Mnemonic
Pin No.
I/O
Description
DIGITAL INTERFACE
SDATA_OUT
BIT_CLK
SDATA_IN
SYNC
RESET
5
6
8
10
11
I
I
I/O
I
I
Link Serial Data Output. AD1883 input stream. Clocked on both edges of the
BIT_CLK.
Link Bit Clock. 24.000 MHz serial data clock.
Link Serial Data Input. AD1883 output stream clocked only on one edge of BIT_CLK.
Link Frame Sync.
Link Reset. AD1883 master hardware reset.
DIGITAL I/O and EAPD
DM_1/2
DM_2
DM_CLK
GPIO_2
MIC_BIAS-E/GPIO_1
EAPD/GPIO_0
SPDIF_OUT
2
4
46
30
31
47
48
I
I
O
I/O
I/O
I/O
O
Digital microphone 1 and 2 Inputs (for Biphase Microphones), or Digital Microphone
1 Input (for Single-phase Microphones).
Digital Microphone 2 Input (for Single-phase Microphones).
Clock to Drive External Digital Microphones.
General-Purpose Input/Output Pins. Digital signals used to control or sense external
circuitry.
Microphone Bias for Port E/General-Purpose Input/Output. Capable of high-Z, 1.65 V,
and 2.86 V. Pin 31 shares functionality between MIC_BIAS_E (default) and GPIO_1.
These functions are mutually exclusive and the MIC_BIAS function takes priority over
the GPIO function.
EAPD/General-Purpose Input/Output Pin. Pin 47 shares functionality between
GPIO_0 and EAPD. These functions are mutually exclusive and the EAPD function
takes priority over the GPIO function. By default, the pin is in a high-Z state. External
resistors should be used to ensure the proper circuit state when this pin is in high-Z.
Supports S/PDIF Output.
JACK SENSE
SENSE_A/SRC_B
SENSE_B/SRC_A
13
34
I/O
I/O
Jack Sense A-D Input/Sense B drive.
Jack Sense E-F Input/Sense A drive.
ANALOG I/O
PCBEEP
PORT-E_L
PORT-E_R
PORT-F_L
PORT-F_R
CD_GND (PORT F)
PORT-B_L
PORT-B_R
PORT-C_L
PORT-C_R
MONO_OUT
PORT-D_L
PORT-D_R
PORT-A_L
PORT-A_R
12
14
15
16
17
19
21
22
23
24
32
35
36
39
41
LI
LI, MIC, LO
LI, MIC, LO
LI, LO
LI, LO
I
LI, MIC
LI, MIC
LI, MIC
LI, MIC
LO
HP, LO
HP, LO
HP, LO
HP, LO
Monaural Input from System for Analog PCBeep.
Auxiliary Input/Output Left Channel.
Auxiliary Input/Output Right Channel.
Auxiliary Input/Output Left Channel.
Auxiliary Input/Output Right Channel.
CD Audio Analog Ground Reference. Must be connected to AGND via a 0.1
μF
capacitor if not in use as CD_GND. MUST always be ac-coupled.
Front Panel Stereo MIC/Line-In.
Front Panel Stereo MIC/Line-In.
Rear Panel Stereo MIC/Line-In.
Rear Panel Stereo MIC/Line-In.
Monaural Output to Internal Speaker or Telephony Subsystem Speakerphone.
Rear Panel Headphone/Line-Out.
Rear Panel Headphone/Line-Out.
Front Panel Headphone/Line-Out.
Front Panel Headphone/Line-Out.
The symbols used in this table are defined as: I = input, O = output, LI = line level input, LO = line level output, HP = output capable of driving
headphone load, MIC = input supports microphones with MIC bias and boost amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com