Electronic Components Datasheet Search
  English  ▼

X  

AD1883 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1883
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1883 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1883 Datasheet HTML 2Page - Analog Devices AD1883 Datasheet HTML 3Page - Analog Devices AD1883 Datasheet HTML 4Page - Analog Devices AD1883 Datasheet HTML 5Page - Analog Devices AD1883 Datasheet HTML 6Page - Analog Devices AD1883 Datasheet HTML 7Page - Analog Devices AD1883 Datasheet HTML 8Page - Analog Devices AD1883 Datasheet HTML 9Page - Analog Devices AD1883 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. 0
|
Page 6 of 20
|
April 2008
AD1883
MICROPHONE BIAS
MIC_BIAS-B, MIC_BIAS-C
MIC_BIAS_IN (Pin 33) = 5 V or 3.3 V
VREF Setting = High-Z
High-Z
VREF Setting = 0 V
0
V dc
VREF Setting = 50%
1.65
V dc
MIC_BIAS_IN (Pin 33) = 5 V
VREF Setting = 80%
3.7
V dc
VREF Setting = 100%
3.9
V dc
MIC_BIAS_IN (Pin 33) = 3.3 V
VREF Setting = 80%
2.86
V dc
VREF Setting = 100%
3.0
V dc
MIC_BIAS-E (When Enabled as BIAS)
VREF Setting = High-Z
High-Z
VREF Setting = 0 V
0
V dc
VREF Setting = 50%
1.65
V dc
VREF Setting = 80%
2.86
V dc
VREF Setting = 100%
3.0
V dc
Output Drive Current
VREF Setting = 50%, 80%, or 100%
1.6
mA
GPIO 0
Input Signal High (VIH)DVIO × 0.60
DVIO
V
Input Signal Low (VIL)0
DVIO × 0.24
V
Output Signal High (VOH)
IOUT = –500 μADVIO × 0.72
DVIO
V
Output Signal Low (VOL)IOUT = +1500 μA0
DVIO × 0.10
V
Input Leakage Current (Signal High) (IIH)
150
nA
Input Leakage Current (Signal Low) (IIL)–50
μA
GPIO 1 and GPIO 2
Input Signal High (VIH)AVDD × 0.60
AVDD
V
Input Signal Low (VIL)0
AVDD × 0.24 V
Output Signal High (VOH)IOUT = –500 μAAVDD × 0.72
AVDD
V
Output Signal Low (VOL)IOUT = +1500 μA0
AVDD × 0.10 V
Input Leakage Current (Signal High) (IIH)
150
nA
Input Leakage Current (Signal Low) (IIL)–50
μA
DM Clock
Output Signal High (VOH)IOUT = –500 μAAVDD × 0.72
AVDD
V
Output Signal Low (VOL)IOUT = +1500 μA0
AVDD × 0.10 V
DM_1/2 and DM_2
Input Signal High (VIH)AVDD × 0.60
AVDD
V
Input Signal Low (VIL)0
AVDD × 0.24 V
Input Leakage Current (Signal High) (IIH)
–150
nA
Input Leakage Current (Signal Low) (IIL)–50
nA
S/PDIF_Out
Input Signal High (VIH)DVIO × 0.60
DVIO
V
Input Signal Low (VIL)0
DVIO × 0.24
V
Output Signal High (VOH)
IOUT = –500 μADVIO × 0.72
DVIO
V
Output Signal Low (VOL)IOUT = +1500 μA0
DVIO × 0.10
V
Input Leakage Current (Signal High) (IIH)
150
nA
Input Leakage Current (Signal Low) (IIL)–50
μA
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com