Electronic Components Datasheet Search
  English  ▼

X  

AD1883 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1883
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1883 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1883 Datasheet HTML 12Page - Analog Devices AD1883 Datasheet HTML 13Page - Analog Devices AD1883 Datasheet HTML 14Page - Analog Devices AD1883 Datasheet HTML 15Page - Analog Devices AD1883 Datasheet HTML 16Page - Analog Devices AD1883 Datasheet HTML 17Page - Analog Devices AD1883 Datasheet HTML 18Page - Analog Devices AD1883 Datasheet HTML 19Page - Analog Devices AD1883 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Rev. 0
|
Page 16 of 20
|
April 2008
AD1883
WIDGET PARAMETERS
Table 10. Widget Parameters
Node
ID
Widget
Capabilities
0x09
PCM Size,
Rate
0x0A
Stream
Formats
0x0B
Pin
Capabilities
0x0C
Input Amp
Capabilities
0x0D
Con. List
Length
0x0E
Power States
0x0F
Output Amp
Capabilities
0x12
0x01
0x0000 04C0
0x000E 07FF
0x0000 0001
0x8000 0000
0x0000 0009 0x0005 2727
0x02
0x0003 0211
0x000E 07E0
0x0000 0005
0x0000 0000
0x03
0x0000 0405
0x000E 07FF
0x0000 0001
0x0000 0000
0x0000 0009 0x0005 2727
0x04
0x0000 0405
0x000E 07FF
0x0000 0001
0x0000 0000
0x0000 0009 0x0005 2727
0x07
0x0020 0103
0x8000 0000
0x0000 0002
0x08
0x0010 0501
0x000E 07FF
0x0000 0001
0x0000 0001
0x0000 0009
0x09
0x0010 0501
0x000E 07FF
0x0000 0001
0x0000 0001
0x0000 0009
0x0A 0x0020 0103
0x8000 0000
0x0000 0002
0x0B
0x0020 0103
0x8000 0000
0x0000 0002
0x0C
0x0030 010D
0x0000 0006
0x8005 3627
0x0D 0x0030 010D
0x0000 0006
0x8005 3627
0x0E
0x0030 0101
0x0000 0002
0x0F
0x0030 0101
0x0000 0002
0x10
0x0070 000C
0x0000 0000
0x800B 0F0F
0x11
0x0040 018D
0x0000 001F
0x0000 0001
0x8000 0000
0x12
0x0040 058D
0x0001 001F
0x0000 0001
0x0000 0009 0x8000 0000
0x13
0x0040 050C
0x0001 0010
0x0000 0001
0x0000 0009 0x8005 1F1F
0x14
0x0040 008B
0x0000 3727
0x0027 0300
0x0000 0000
0x15
0x0040 008B
0x0000 3727
0x0027 0300
0x0000 0000
0x16
0x0040 058D
0x0001 0037
0x0000 0001
0x0000 0009 0x8000 0000
0x17
0x0040 020B
0x0000 0020
0x0017 0300
0x0000 0000
0x19
0x0050 0500
0x0000 0002
0x0000 0009
0x1A 0x0040 0000
0x0000 0020
0x0000 0000
0x1B
0x0040 038D
0x0000 0014
0x0000 0001
0x8005 2727
0x1C
0x0040 018D
0x0000 3737
0x0000 0001
0x8000 0000
0x1D 0x00F0 0100
0x0000 000A
0x1E
0x0020 0103
0x8000 0000
0x0000 0002
0x1F
0x0020 0100
0x0000 0001
0x20
0x0020 010B
0x8005 1F17
0x0000 0007
0x21
0x0030 010D
0x0000 0001
0x8005 1F1F
0x22
0x0030 0101
0x0000 0002
0x23
0x0030 0101
0x0000 0002
0x24
0x0020 0103
0x8000 0000
0x0000 0002
0x25
0x0030 010D
0x0000 0001
0x0027 0300
0x26
0x00F0 0100
0x0000 0003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com