Electronic Components Datasheet Search
  English  ▼

X  

AD1883 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1883
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1883 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1883 Datasheet HTML 8Page - Analog Devices AD1883 Datasheet HTML 9Page - Analog Devices AD1883 Datasheet HTML 10Page - Analog Devices AD1883 Datasheet HTML 11Page - Analog Devices AD1883 Datasheet HTML 12Page - Analog Devices AD1883 Datasheet HTML 13Page - Analog Devices AD1883 Datasheet HTML 14Page - Analog Devices AD1883 Datasheet HTML 15Page - Analog Devices AD1883 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Rev. 0
|
Page 12 of 20
|
April 2008
AD1883
DIGITAL MICROPHONE INTERFACE TIMING SPECIFICATIONS
The digital microphone interface can support one or two digital
microphones using two or three codec pins. Both uniplex (one
microphone per data pin) and multiplex (two microphones
sharing the same data pin) are supported. The timing for these
configurations is shown in Table 6 and Figure 3, Figure 4 and
Figure 5. The interface can generate a microphone clock at
1.5 MHz, 2.0 MHz, or 3.0 MHz to suit quality and power
requirements.
Table 6. Microphone Timing Parameters
Parameter
Description
Min
Typ
Max
Unit
Timing Requirements
t0
DM_CLK (1.5 MHz) Period
Duty Cycle
667
50/50
ns
%
t0
DM_CLK (2.0 MHz) Period
Duty Cycle
500
50/50
ns
%
t0
DM_CLK (3.0 MHz) Period
Duty Cycle
333
50/50
ns
%
t1
DM_CLK Rise Time
5
ns
t2
DM_CLK Fall Time
5ns
t3
Data Setup to DM_CLK Edge
10
ns
t4
Data Hold from DM_CLK Edge
5
ns
Figure 3. Uniplex Microphone Timing
Figure 4. DM_2 Uniplex Microphone Timing
DM_CLK
t1
t2
t3
DM_1/2
t0
DATA VALID
t4
DM_CLK
t1
t2
t3
DM_2
t0
DATA VALID
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com