Electronic Components Datasheet Search
  English  ▼

X  

AD1883 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1883
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1883 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1883 Datasheet HTML 7Page - Analog Devices AD1883 Datasheet HTML 8Page - Analog Devices AD1883 Datasheet HTML 9Page - Analog Devices AD1883 Datasheet HTML 10Page - Analog Devices AD1883 Datasheet HTML 11Page - Analog Devices AD1883 Datasheet HTML 12Page - Analog Devices AD1883 Datasheet HTML 13Page - Analog Devices AD1883 Datasheet HTML 14Page - Analog Devices AD1883 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1883
Rev. 0
|
Page 11 of 20
|
April 2008
FILTER/MIC_BIAS
VREF _FLT
MIC_BIAS-B
MIC_BIAS-C
MIC_BIAS_IN
5.0 V or 3.3 V
27
28
29
33
O
O
O
I
Voltage Reference Filter.
Switchable Microphone Bias. For use with Port B (Pins 21, 22).
Switchable Microphone Bias. For use with Port C (Pins 23, 24).
Both MIC bias pins are capable of:
High-Z, 0 V, 1.65 V, 3.7 V, and 3.9 V (with 5.0 V on Pin 33)
High-Z, 0 V, 1.65 V, 2.86 V, and 3.0 V (with 3.3 V on Pin 33).
Source Power for Microphone Bias Boost Circuitry.
Connect this pin to 5.0 V via a low-pass filter. When connected this way the AD1883 is
capable of providing 3.9 V as a mic bias to all of the mic bias pins (except on Pin 31).
If 5 V is not available, connect this pin to 3.3 V (AVDD) via a low-pass filter.
POWER AND GROUND
DVCORE 1.7 V to 1.9 V or
FILTER
1
I/O
CAUTION: DO NOT APPLY 3.3 V TO THIS PIN! Filter connection for internal core
voltage regulator.
If Pin 9 is connected to 3.3V DVDD, this pin must be connected to filter caps: 10μF,
1.0
μF, and 0.1μF connected in parallel between Pin 1 and DV
SS (Pin 7). Direct, filtered
1.7 V to 1.9 V DVDD can be applied to Pin 1 to lower the digital power requirements.
Pin 9 MUST be connected to Pin 1 in this case.
DVIO 1.5 V or 3.3 V
3
I
Link Digital I/O Voltage Reference. 3.3 V
± 10% or 1.5 V ± 5.5%
DVSS
7
I
Digital Supply Return (Ground).
DVDD 1.7 V to 1.9 V or 3.3 V 9
I
Digital Supply Voltage 3.3 V
± 10%. This is regulated down to DV
CORE on Pin 1 to
supply the internal digital core internal to the AD1883. Direct, filtered 1.7 V to 1.9 V
DVDD may be applied to Pin 1 to lower the digital power requirements. Pin 9 MUST be
connected to Pin 1 in this case.
AVDD 3.3 V
25, 38
I
CAUTION: DO NOT APPLY 5 V TO THESE PINS! Analog Supply Voltage 3.3 V
± 5%.
Note: AVDD supplies should be well regulated and filtered as supply noise degrades
audio performance.
AVSS
26, 42
I
Analog Supply Return (Ground). AVSS should be connected to DVSS using a
conductive trace under, or close to, the AD1883.
Table 5. Pin Function Descriptions (Continued)
Mnemonic
Pin No.
I/O
Description
The symbols used in this table are defined as: I = input, O = output, LI = line level input, LO = line level output, HP = output capable of driving
headphone load, MIC = input supports microphones with MIC bias and boost amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com