Electronic Components Datasheet Search
  English  ▼

X  

AD1883 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1883
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1883 Datasheet(HTML) 3 Page - Analog Devices

  AD1883 Datasheet HTML 1Page - Analog Devices AD1883 Datasheet HTML 2Page - Analog Devices AD1883 Datasheet HTML 3Page - Analog Devices AD1883 Datasheet HTML 4Page - Analog Devices AD1883 Datasheet HTML 5Page - Analog Devices AD1883 Datasheet HTML 6Page - Analog Devices AD1883 Datasheet HTML 7Page - Analog Devices AD1883 Datasheet HTML 8Page - Analog Devices AD1883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD1883
Rev. 0
|
Page 3 of 20
|
April 2008
GENERAL DESCRIPTION
The AD1883 audio codec and SoundMAX® software provide
superior high definition audio quality that exceeds Vista Pre-
mium performance for notebooks. The AD1883 has two
192 kHz DAC pairs, two 192 kHz ADC pairs, a S/PDIF output, a
2-channel digital microphone interface, and digital and analog
PCBeep. These features make the AD1883 the right choice for
notebook PCs that meet Microsoft Vista Premium performance
as well as desktop PCs that meet Microsoft Vista Basic
performance.
The AD1883 is available in a 48-lead, RoHS compliant lead
frame chip scale package in both reels and trays. See Ordering
Guide on Page 19.
ADDITIONAL INFORMATION
This data sheet provides a general overview of the AD1883
SoundMAX codec’s architecture and functionality. Detailed
widget information is available in the AD1883 Programmers
Reference Manual. Please contact your local Analog Devices,
Inc., sales representative for more information.
JACK CONFIGURATION
The guidelines shown in Table 1 through Table 3 should be
used when selecting ports for particular functions.
Table 1. Typical Desktop Configuration
Port
Function
Port A
Front Panel Headphone
Port B
Front Panel Microphone
Port C
Rear Panel Line-In/Microphone
Port D
Rear Panel Line-Out/Headphone
S/PDIF Out
Optical/RCA S/PDIF Output
Table 2. Typical Notebook Configuration
Port
Function
Port A
Headphone
Port B
Microphone
Port C
Internal Microphone
Port F
Internal Stereo Speakers
S/PDIF Out
Optical/RCA S/PDIF Output
Table 3. Typical Notebook Configuration with Dock
Interface
Port
Function
Port A
Headphone
Port B
Microphone
Port C
Internal Microphone
Port D
Dock Line-Out/Headphone
Port E
Dock Line-In/Microphone
Port F
Internal Stereo Speakers
S/PDIF Out
Optical/RCA S/PDIF Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com