Electronic Components Datasheet Search
  English  ▼

X  

ADG1407 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG1407
Description  9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1407 Datasheet(HTML) 4 Page - Analog Devices

  ADG1407 Datasheet HTML 1Page - Analog Devices ADG1407 Datasheet HTML 2Page - Analog Devices ADG1407 Datasheet HTML 3Page - Analog Devices ADG1407 Datasheet HTML 4Page - Analog Devices ADG1407 Datasheet HTML 5Page - Analog Devices ADG1407 Datasheet HTML 6Page - Analog Devices ADG1407 Datasheet HTML 7Page - Analog Devices ADG1407 Datasheet HTML 8Page - Analog Devices ADG1407 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG1406/ADG1407
Rev. 0 | Page 4 of 20
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C1
Unit
Test Conditions/Comments
CD, CS (On)
ADG1406
115
pF typ
f = 1 MHz
ADG1407
70
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.002
μA typ
Digital inputs = 0 V or VDD
1
μA max
IDD
280
μA typ
Digital inputs = 5 V
400
μA max
ISS
0.002
μA typ
Digital inputs = 0 V, 5 V or VDD
1
μA max
VDD/VSS
±4.5/±16.5
V min/max
1 Temperature range for B version is
−40°C to +125°C.
2 Guaranteed by design, not subject to production test.
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 3.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance (RON)
18
Ω typ
VDD = 10.8 V, VSS = 0 V; VS = 0 V to 10 V,
21.5
26
28.5
Ω max
IS = −10 mA; see Figure 27
On-Resistance Match Between
0.55
Ω typ
VDD = 10.8 V, VSS = 0 V; VS = 0 V to 10 V,
Channels (ΔRON)
1.2
1.6
1.8
Ω max
IS = −10 mA
On-Resistance Flatness (RFLAT(ON))
5
Ω typ
VDD = 10.8 V, VSS = 0 V; VS = 0 V to 10 V,
6
6.9
7.3
Ω max
IS = −10 mA
LEAKAGE CURRENTS
VDD = 10.8 V
Source Off Leakage, IS (Off )
±0.01
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see
Figure 28
±0.25
±1
±4
nA max
Drain Off Leakage, ID (Off )
±0.01
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see
Figure 28
±0.5
±3
±20
nA max
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = 1 V or 10 V; see Figure 29
±0.5
±3
±20
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
±0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANSITION
170
ns typ
RL = 100 Ω, CL = 35 pF
250
310
350
ns max
VS = 8 V; see Figure 29
Break-Before-Make Time Delay, tBBM
75
ns typ
RL = 100 Ω, CL = 35 pF
30
ns min
VS1 = VS2 = 8 V; see Figure 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com