Electronic Components Datasheet Search
  English  ▼

X  

ADG1407 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG1407
Description  9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1407 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG1407 Datasheet HTML 2Page - Analog Devices ADG1407 Datasheet HTML 3Page - Analog Devices ADG1407 Datasheet HTML 4Page - Analog Devices ADG1407 Datasheet HTML 5Page - Analog Devices ADG1407 Datasheet HTML 6Page - Analog Devices ADG1407 Datasheet HTML 7Page - Analog Devices ADG1407 Datasheet HTML 8Page - Analog Devices ADG1407 Datasheet HTML 9Page - Analog Devices ADG1407 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG1406/ADG1407
Rev. 0 | Page 6 of 20
±5 V DUAL SUPPLY
VDD = +5 V ± 10%, VSS = −5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance (RON)
21
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VS = ±4.5 V,
25
29
32
Ω max
IS = −10 mA; see Figure 27
On -Resistance Match Between
0.6
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VS = ±4.5V,
Channels (ΔRON)
1.3
1.7
1.9
Ω max
IS = −10 mA
On -Resistance Flatness (RFLAT(ON))
5.2
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VS = ±4.5 V;
6.4
7.3
7.6
Ω max
IS = −10 mA
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS (Off )
±0.01
nA typ
VS = ±4.5 V, VD =
∓4.5 V; see Figure 28
±0.25
±1
±4
nA max
Drain Off Leakage, ID (Off )
±0.01
nA typ
VS = ±4.5 V, VD =
∓4.5 V; see Figure 28
±0.5
±3
±20
nA max
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = ±4.5 V; see Figure 29
±0.5
±3
±20
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
±0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
3.5
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANSITION
260
ns typ
RL = 100 Ω, CL = 35 pF
435
510
565
ns max
VS = 5 V; see Figure 30
Break-Before-Make Time Delay, tBBM
90
ns typ
RL = 100 Ω, CL = 35 pF
30
ns min
VS1 = VS2 = 5 V; see Figure 31
tON (EN)
230
ns typ
RL = 100 Ω, CL = 35 pF
335
400
445
ns max
VS = 5 V; see Figure 32
tOFF (EN)
205
ns typ
RL = 100 Ω, CL = 35 pF
290
340
370
ns max
VS = 5 V; see Figure 32
Charge Injection
10
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 33
Off Isolation
–73
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 34
Channel-to-Channel Crosstalk
–70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 35
Total Harmonic Distortion, THD + N
0.18
% typ
RL = 110 Ω, 5 V p-p, f = 20 Hz to 20 kHz; see
Figure 37
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF; see Figure 36
ADG1406
40
MHz typ
ADG1407
80
MHz typ
Insertion Loss
1.15
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 36
CS (Off )
10
pF typ
f = 1 MHz
CD (Off )
ADG1406
123
pF typ
f = 1 MHz
ADG1407
62
pF typ
f = 1 MHz
CD, CS (On)
ADG1406
148
pF typ
f = 1 MHz
ADG1407
88
pF typ
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com