Electronic Components Datasheet Search
  English  ▼

X  

ADG1407 Datasheet(PDF) 17 Page - Analog Devices

Part # ADG1407
Description  9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1407 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG1407 Datasheet HTML 12Page - Analog Devices ADG1407 Datasheet HTML 13Page - Analog Devices ADG1407 Datasheet HTML 14Page - Analog Devices ADG1407 Datasheet HTML 15Page - Analog Devices ADG1407 Datasheet HTML 16Page - Analog Devices ADG1407 Datasheet HTML 17Page - Analog Devices ADG1407 Datasheet HTML 18Page - Analog Devices ADG1407 Datasheet HTML 19Page - Analog Devices ADG1407 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADG1406/ADG1407
Rev. 0 | Page 17 of 20
TERMINOLOGY
RON
Ohmic resistance between the D and S terminals.
ΔRON
Difference between the RON of any two channels.
RFLAT(ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance as measured.
IS (Off)
Source leakage current when the switch is off.
ID (Off)
Drain leakage current when the switch is off.
ID, IS (On)
Channel leakage current when the switch is on.
VD, VS
Analog voltage on Terminal D and Terminal S.
CS (Off)
Channel input capacitance for the off condition.
CD (Off)
Channel output capacitance for the off condition.
CD, CS (On)
On switch capacitance.
CIN
Digital input capacitance.
tON (EN)
Delay time between the 50% and 90% points of the digital input
and the switch on condition.
tOFF (EN)
Delay time between the 50% and 90% points of the digital input
and the switch off condition.
tTRANSITION
Delay time between the 50% and 90% points of the digital
inputs and the switch on condition when switching from one
address state to another.
tBBM
Off time measured between the 80% points of the switches
when switching from one address state to another.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL, IINH
Input current of the digital input.
IDD
Positive supply current.
ISS
Negative supply current.
Off Isolation
A measure of unwanted signal coupling through an off channel.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
Bandwidth
The frequency at which the output is attenuated by 3 dB.
On Response
The frequency response of the on switch.
THD + N
The ratio of the harmonic amplitude plus noise of the signal to
the fundamental.
ACPSRR (AC Power Supply Rejection Ratio)
Measures the ability of a part to avoid coupling noise and
spurious signals that appear on the supply voltage pin to the
output of the switch. The dc voltage on the device is modu-
lated by a sine wave of 0.62 V p-p. The ratio of the amplitude
of signal on the output to the amplitude of the modulation is
the ACPSRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com