Electronic Components Datasheet Search
  English  ▼

X  

ADG1407 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG1407
Description  9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1407 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG1407 Datasheet HTML 12Page - Analog Devices ADG1407 Datasheet HTML 13Page - Analog Devices ADG1407 Datasheet HTML 14Page - Analog Devices ADG1407 Datasheet HTML 15Page - Analog Devices ADG1407 Datasheet HTML 16Page - Analog Devices ADG1407 Datasheet HTML 17Page - Analog Devices ADG1407 Datasheet HTML 18Page - Analog Devices ADG1407 Datasheet HTML 19Page - Analog Devices ADG1407 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADG1406/ADG1407
Rev. 0 | Page 16 of 20
1.2
1.0
0.8
0.6
0.4
0.2
0
02
8
14
20
FREQUENCY (kHz)
410
16
612
18
VDD = +5V
VSS = –5V
TA = 25°C
RL =110Ω
VS = 10V p-p
VS = 5V p-p
VS = 2.5V p-p
Figure 25. THD + N vs. Frequency, 5 V Dual Supply
0
–20
–40
–60
–80
–100
–120
100
10M
1k
10k
100k
1M
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
V p-p = 0.63V
NO DECOUPLING
CAPACITORS
DECOUPLING
CAPACITORS
ON SUPPLIES
Figure 26. ACPSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com