Electronic Components Datasheet Search
  English  ▼

X  

ADG1407 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG1407
Description  9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1407 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG1407 Datasheet HTML 3Page - Analog Devices ADG1407 Datasheet HTML 4Page - Analog Devices ADG1407 Datasheet HTML 5Page - Analog Devices ADG1407 Datasheet HTML 6Page - Analog Devices ADG1407 Datasheet HTML 7Page - Analog Devices ADG1407 Datasheet HTML 8Page - Analog Devices ADG1407 Datasheet HTML 9Page - Analog Devices ADG1407 Datasheet HTML 10Page - Analog Devices ADG1407 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG1406/ADG1407
Rev. 0 | Page 7 of 20
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.002
μA typ
Digital inputs = 0 V or VDD
1
μA max
ISS
0.002
μA typ
Digital inputs = 0 V, 5 V, or VDD
1
μA max
VDD/VSS
±4.5/±16.5
V min/max
1 Temperature range for B version: −40°C to +125°C.
2 Guaranteed by design, not subject to production test.
CONTINUOUS CURRENT PER CHANNEL
Table 5. ADG1406
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT PER CHANNEL1
15 V Dual Supply
VDD = +13.5 V, VSS = −13.5 V
28-Lead TSSOP
180
100
50
mA max
32-Lead LFCSP
300
150
60
mA max
12 V Single Supply
VDD = 10.8 V, VSS = 0 V
28-Lead TSSOP
150
90
50
mA max
32-Lead LFCSP
260
130
55
mA max
5 V Dual Supply
VDD = +4.5 V, VSS = −4.5 V
28-Lead TSSOP
140
85
45
mA max
32-Lead LFCSP
245
130
55
mA max
1 Guaranteed by design, not subject to production test.
Table 6. ADG1407
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT PER CHANNEL1
15 V Dual Supply
VDD = +13.5 V, VSS = −13.5 V
28-Lead TSSOP
135
85
45
mA max
32-Lead LFCSP
235
125
55
mA max
12 V Single Supply
VDD = 10.8 V, VSS = 0 V
28-Lead TSSOP
110
70
40
mA max
32-Lead LFCSP
190
110
50
mA max
5 V Dual Supply
VDD = +4.5 V, VSS = −4.5 V
28-Lead TSSOP
105
65
40
mA max
32-Lead LFCSP
180
100
50
mA max
1 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com