Electronic Components Datasheet Search
  English  ▼

X  

ADG1407 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1407
Description  9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1407 Datasheet(HTML) 5 Page - Analog Devices

  ADG1407 Datasheet HTML 1Page - Analog Devices ADG1407 Datasheet HTML 2Page - Analog Devices ADG1407 Datasheet HTML 3Page - Analog Devices ADG1407 Datasheet HTML 4Page - Analog Devices ADG1407 Datasheet HTML 5Page - Analog Devices ADG1407 Datasheet HTML 6Page - Analog Devices ADG1407 Datasheet HTML 7Page - Analog Devices ADG1407 Datasheet HTML 8Page - Analog Devices ADG1407 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG1406/ADG1407
Rev. 0 | Page 5 of 20
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C1
Unit
Test Conditions/Comments
tON (EN)
145
ns typ
RL = 100 Ω, CL = 35 pF
205
250
285
ns max
VS = 8 V; see Figure 31
tOFF (EN)
112
ns typ
RL = 100 Ω, CL = 35 pF
150
175
200
ns max
VS = 8 V; see Figure 31
Charge Injection
10
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see
Figure 33
Off Isolation
−73
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 34
Channel-to-Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 35
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF; see Figure 36
ADG1406
35
MHz typ
ADG1407
70
MHz typ
Insertion Loss
0.6
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 36
CS (Off )
12
pF typ
f = 1 MHz
CD (Off )
ADG1406
145
pF typ
f = 1 MHz
ADG1407
72
pF typ
f = 1 MHz
CD, CS (On)
ADG1406
166
pF typ
f = 1 MHz
ADG1407
93
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.002
μA typ
Digital inputs = 0 V or VDD
1
μA max
IDD
150
μA typ
Digital inputs = 5 V
240
μA max
VDD
5/16.5
V min/max
VSS = 0 V, GND = 0 V
1 Temperature range for B version: −40°C to +125°C.
2 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com