Electronic Components Datasheet Search
  English  ▼

X  

ADG1407 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG1407
Description  9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1407 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG1407 Datasheet HTML 7Page - Analog Devices ADG1407 Datasheet HTML 8Page - Analog Devices ADG1407 Datasheet HTML 9Page - Analog Devices ADG1407 Datasheet HTML 10Page - Analog Devices ADG1407 Datasheet HTML 11Page - Analog Devices ADG1407 Datasheet HTML 12Page - Analog Devices ADG1407 Datasheet HTML 13Page - Analog Devices ADG1407 Datasheet HTML 14Page - Analog Devices ADG1407 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG1406/ADG1407
Rev. 0 | Page 11 of 20
1
VDD
28
DA
2
DB
27
VSS
3
NC
26
S8A
4
S8B
25
S7A
5
S7B
24
S6A
6
S6B
23
S5A
7
S5B
22
S4A
8
S4B
21
S3A
9
S3B
20
S2A
10
S2B
19
S1A
11
S1B
18
EN
12
GND
17
A0
13
NC
16
A1
14
NC
15
A2
ADG1407
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 5. ADG1407 TSSOP Pin Configuration
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.
PIN 1
INDICATOR
1
S8B
2
S7B
3
S6B
4
S5B
5
S4B
6
S3B
7
S2B
8
S1B
24 S8A
23 S7A
22 S6A
21 S5A
20 S4A
19 S3A
18 S2A
17 S1A
TOP VIEW
(Not to Scale)
ADG1407
Figure 6. ADG1407 LFCSP_VQ Pin Configuration
Table 11. ADG1407 Pin Function Descriptions
Pin No.
TSSOP
LFCSP_VQ
Mnemonic
Description
1
29
VDD
Most Positive Power Supply Potential.
2
31
DB
Drain Terminal B. This pin can be an input or an output.
3, 13, 14
11, 12, 13, 26,
28, 30, 32
NC
No Connect.
4
1
S8B
Source Terminal 8B. This pin can be an input or an output.
5
2
S7B
Source Terminal 7B. This pin can be an input or an output.
6
3
S6B
Source Terminal 6B. This pin can be an input or an output.
7
4
S5B
Source Terminal 5B. This pin can be an input or an output.
8
5
S4B
Source Terminal 4B. This pin can be an input or an output.
9
6
S3B
Source Terminal 3B. This pin can be an input or an output.
10
7
S2B
Source Terminal 2B. This pin can be an input or an output.
11
8
S1B
Source Terminal 1B. This pin can be an input or an output.
12
9
GND
Ground (0 V) Reference.
15
10
A2
Logic Control Input.
16
14
A1
Logic Control Input.
17
15
A0
Logic Control Input.
18
16
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are
turned off. When this pin is high, the Ax logic inputs determine which switch is turned on.
19
17
S1A
Source Terminal 1A. This pin can be an input or an output.
20
18
S2A
Source Terminal 2A. This pin can be an input or an output.
21
19
S3A
Source Terminal 3A. This pin can be an input or an output.
22
20
S4A
Source Terminal 4A. This pin can be an input or an output.
23
21
S5A
Source Terminal 5A. This pin can be an input or an output.
24
22
S6A
Source Terminal 6A. This pin can be an input or an output.
25
23
S7A
Source Terminal 7A. This pin can be an input or an output.
26
24
S8A
Source Terminal 8A. This pin can be an input or an output.
27
25
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be
connected to ground. The exposed pad is tied to the substrate, VSS.
28
27
DA
Drain Terminal A. This pin can be an input or an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com