Electronic Components Datasheet Search
  English  ▼

X  

DS89C430 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS89C430 Datasheet HTML 8Page - Maxim Integrated Products DS89C430 Datasheet HTML 9Page - Maxim Integrated Products DS89C430 Datasheet HTML 10Page - Maxim Integrated Products DS89C430 Datasheet HTML 11Page - Maxim Integrated Products DS89C430 Datasheet HTML 12Page - Maxim Integrated Products DS89C430 Datasheet HTML 13Page - Maxim Integrated Products DS89C430 Datasheet HTML 14Page - Maxim Integrated Products DS89C430 Datasheet HTML 15Page - Maxim Integrated Products DS89C430 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
12 of 48
PIN DESCRIPTION
PIN
PDIP
PLCC
TQFP
NAME
FUNCTION
40
12, 44
6, 38
VCC
+5V
20
1, 22, 23,
34
16, 17, 28,
39
GND
Logic Ground
9
10
4
RST
External Reset. The RST input pin is bidirectional and contains a Schmitt Trigger to
recognize external active-high reset inputs. The pin also employs an internal pulldown
resistor to allow for a combination of wire-ORed external reset sources. An RC is not
required for power-up, as the device provides this function internally.
19
21
15
XTAL1
18
20
14
XTAL2
Crystal Oscillators. These pins provide support for fundamental-mode parallel-resonant
AT-cut crystals. XTAL1 also acts as an input if there is an external clock source in place of
a crystal. XTAL2 serves as the output of the crystal amplifier.
29
32
26
PSEN
Program Store Enable. This signal is commonly connected to optional external program
memory as a chip enable.
PSEN provides an active-low pulse and is driven high when
external program memory is not being accessed. In one-cycle page mode 1,
PSEN
remains low for consecutive page hits.
30
33
27
ALE/
PROG
Address Latch Enable. This signal functions as a clock to latch the external address LSB
from the multiplexed address/data bus on Port 0. This signal is commonly connected to the
latch enable of an external 373-family transparent latch. In default mode, ALE has a pulse
width of 1.5 XTAL1 cycles and a period of four XTAL1 cycles. In page mode, the ALE
pulse width is altered according to the page mode selection. In traditional 8051 mode, ALE
is high when using the EMI reduction mode and during a reset condition. ALE can be
enabled by writing ALEON = 1 (PMR.2). Note that ALE operates independently of ALEON
during external memory accesses. As an alternate mode, this pin (
PROG) is used to
execute the parallel program function.
39
43
37
P0.0 (AD0)
38
42
36
P0.1 (AD1)
37
41
35
P0.2 (AD2)
36
40
34
P0.3 (AD3)
35
39
33
P0.4 (AD4)
34
38
32
P0.5 (AD5)
33
37
31
P0.6 (AD6)
32
36
30
P0.7 (AD7)
Port 0 (AD0ñAD7), I/O. Port 0 is an open-drain, 8-bit, bidirectional I/O port. As an
alternate function, Port 0 can function as the multiplexed address/data bus to access off-
chip memory. During the time when ALE is high, the LSB of a memory address is
presented. When ALE falls to logic 0, the port transitions to a bidirectional data bus. This
bus is used to read external program memory and read/write external RAM or peripherals.
When used as a memory bus, the port provides weak pullups for logic 1 outputs. The reset
condition of port 0 is tri-state. Pullup resistors are required only when using port 0 as an
I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com