Electronic Components Datasheet Search
  English  ▼

X  

DS89C430 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button DS89C430 Datasheet HTML 13Page - Maxim Integrated Products DS89C430 Datasheet HTML 14Page - Maxim Integrated Products DS89C430 Datasheet HTML 15Page - Maxim Integrated Products DS89C430 Datasheet HTML 16Page - Maxim Integrated Products DS89C430 Datasheet HTML 17Page - Maxim Integrated Products DS89C430 Datasheet HTML 18Page - Maxim Integrated Products DS89C430 Datasheet HTML 19Page - Maxim Integrated Products DS89C430 Datasheet HTML 20Page - Maxim Integrated Products DS89C430 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
17 of 48
Table 1. SFR Register Map (continued)
REGISTER
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TH1
8Dh
CKCON
8Eh
WD1
WD0
T2M
T1M
T0M
MD2
MD1
MD0
P1
90h
P1.7/
INT5
P1.6/INT4
P1.5/
INT3
P1.4/INT2
P1.3/TXD1
P1.2/RXD1
P1.1/T2EX
P1.0/T2
EXIF
91h
IE5
IE4
IE3
IE2
CKRY
RGMD
RGSL
BGS
CKMOD
96h
T2MH
T1MH
T0MH
ó
ó
ó
SCON0
98h
SM0/FE_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
SBUF0
99h
ACON
9Dh
PAGEE
PAGES1
PAGES0
ó
ó
ó
ó
ó
P2
A0h
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
IE
A8h
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
SADDR0
A9h
SADDR1
AAh
P3
B0h
P3.7/
RD
P3.6/
WR
P3.5/T1
P3.4/T0
P3.3/
INT1
P3.2/
INT0
P3.1/TXD0
P3.0/RXD0
IP1
B1h
ó
MPS1
MPT2
MPS0
MPT1
MPX1
MPT0
MPX0
IP0
B8h
ó
LPS1
LPT2
LPS0
LPT1
LPX1
LPT0
LPX0
SADEN0
B9h
SADEN1
BAh
SCON1
C0h
SM0/FE_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
SBUF1
C1h
ROMSIZE
C2h
PRAME
RMS2
RMS1
RMS0
PMR
C4h
CD1
CD0
SWB
CTM
4X/
2X
ALEON
DME1
DME0
STATUS
C5h
PIS2
PIS1
PIS0
ó
SPTA1
SPRA1
SPTA0
SPRA0
TA
C7h
T2CON
C8h
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/
T2
CP/
RL2
T2MOD
C9h
T2OE
DCEN
RCAP2L
CAh
RCAP2H
CBh
TL2
CCh
TH2
CDh
PSW
D0h
CY
AC
F0
RS1
RS0
OV
F1
P
FCNTL
D5h
FBUSY
FERR
FC3
FC2
FC1
FC0
FDATA
D6h
WDCON
D8h
SMOD_1
POR
EPFI
PFI
WDIF
WTRF
EWT
RWT
ACC
E0h
EIE
E8h
ó
ó
ó
EWDI
EX5
EX4
EX3
EX2
B
F0h
EIP1
F1h
ó
ó
ó
MPWDI
MPX5
MPX4
MPX3
MPX2
EIP0
F8h
ó
ó
ó
LPWDI
LPX5
LPX4
LPX3
LPX2
Note: Shaded bits are timed-access protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com