| Electronic Components Datasheet Search |
|
DS89C430 Datasheet(PDF) 25 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS89C430 Datasheet(HTML) 25 Page - Maxim Integrated Products |
|
25 / 48 page ![]() DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers 25 of 48 ROM Loader The full on-chip flash program memory space, security flash block, and external SRAM can be programmed in- system from an external source through serial port 0 under the control of a built-in ROM loader. The ROM loader also has an auto-baud feature that determines which baud-rate frequencies are being used for communication and sets the baud-rate generator for that speed. When the DS89C430 is powered up and has entered its user operating mode, the ROM loader mode can be invoked at any time by forcing RST = 1, EA = 0, and PSEN = 0. It remains in effect until power-down or when the condition (RST = 1 and PSEN = EA = 0) is removed. Entering the ROM loader mode forces the processor to start fetching from the 2kB internal ROM for program memory initialization and other loader functions. The read/write accessibility is determined by the state of the lock bits, which can be verified directly by the ROM loader. The flash memory can be programmed (by the built-in ROM loader) using commands that are received over the serial interface from a host PC. Full details of the ROM loader commands are given in the Ultra-High-Speed Flash Microcontroller Userís Guide. Host software to communicate with the ROM loader is available in WindowsÆ format as well as other platforms. Contact our technical support department at micro.support@dalsemi.com for more information. Parallel Programming Mode The microcontroller also supports a programming mode such as that used by commercial device programmers. This mode is of little utility in normal applications and is only used by commercial device programmers. For information on this mode, contact our technical support department at micro.support@dalsemi.com. Data Pointer Increment/Decrement and Options The DS89C430 incorporates a hardware feature to assist applications that require data pointer increment/ decrement. Data pointer increment/decrement bits ID0 and ID1 (DPS.6 and DPS.7) define how the INC DPTR instruction functions in relation to the active DPTR (selected by the SEL bit). Setting ID0 = 1 and SEL = 0 enables the decrement operation for DPTR, and execution of the INC DPTR instruction decrements the DPTR contents by 1. Similarly, setting ID1 = 1 and SEL = 1 enables the decrement operation for DPTR1, and execution of the INC DPTR instruction decrements the DPTR1 contents by 1. With this feature, the user can configure the data pointers to operate in four ways for the INC DPTR instruction: ID1 ID0 SEL = 0 SEL = 1 0 0 INC DPTR INC DPTR1 0 1 DEC DPTR INC DPTR1 1 0 INC DPTR DEC DPTR1 1 1 DEC DPTR DEC DPTR1 SEL (DPS.0) bit always selects the active data pointer. The DS89C430 offers a programmable option that allows any instructions related to data pointer to toggle the SEL bit automatically. This option is enabled by setting the toggle-select-enable bit (TSLñDPS.5) to a logic 1. Once enabled, the SEL bit is automatically toggled after the execution of one of the following five DPTR-related instructions: INC DPTR MOV DPTR #data16 MOVC A, @A+DPTR MOVX A, @DPTR MOVX @DPTR, A The DS89C430 also offers a programmable option that automatically increases (or decreases) the contents of the selected data pointer by 1 after the execution of a DPTR-related instruction. The actual function (increment or decrement) is dependent on the setting of the ID1 and ID0 bits. This option is enabled by setting the automatic increment/decrement enable (AIDñDPS.4) to a logic 1 and is affected by the following three instructions: MOVC A, @A+DPTR MOVX A, @DPTR MOVX @DPTR, A Windows is a registered trademark of Microsoft Corporation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |