Electronic Components Datasheet Search
  English  ▼

X  

DS89C430 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS89C430 Datasheet HTML 25Page - Maxim Integrated Products DS89C430 Datasheet HTML 26Page - Maxim Integrated Products DS89C430 Datasheet HTML 27Page - Maxim Integrated Products DS89C430 Datasheet HTML 28Page - Maxim Integrated Products DS89C430 Datasheet HTML 29Page - Maxim Integrated Products DS89C430 Datasheet HTML 30Page - Maxim Integrated Products DS89C430 Datasheet HTML 31Page - Maxim Integrated Products DS89C430 Datasheet HTML 32Page - Maxim Integrated Products DS89C430 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
29 of 48
Page Mode, External Memory Cycle
Page mode retains the basic circuitry requirement for an original 8051 external memory interface, but alters the
configuration of P0 and P2 for the purposes of address output and data I/O during external memory cycles.
Additionally, the functions of ALE and
PSEN are altered to support this mode of operation.
Setting the PAGEE (ACON.7) bit to logic 1 enables page mode. Clearing the PAGEE bit to logic 0 disables the
page mode and the external bus structure defaults to the original 8051 expanded bus configuration (nonpage
mode). The DS89C430 supports page mode in two external bus structures. The logic value of the page-mode-
select bits in the ACON register determines the external bus structure and the basic memory cycle in number of
system clocks. Table 6 summarizes this option. The first three selections use the same bus structure but with
different memory cycle time. Setting the select bits to 11b selects another bus structure. Write access to the ACON
register requires a timed access.
Table 6. Page Mode Select
CLOCKS PER MEMORY CYCLE
PAGES1:PAGES0
PAGE-HIT
PAGE-MISS
EXTERNAL BUS STRUCTURE
00
1
2
P0: Primary data bus.
P2: Primary address bus, multiplexing both the upper byte and
lower byte of address.
01
2
4
P0: Primary data bus.
P2: Primary address bus, multiplexing both the upper byte and
lower byte of address.
10
4
8
P0: Primary data bus.
P2: Primary address bus, multiplexing both the upper byte and
lower byte of address.
11
2
4
P0: Lower address byte.
P2: The upper address byte is multiplexed with the data byte.
Note: This setting affects external code fetches only; accessing
the external data memory requires four clock cycles, regardless
of page hit or miss.
The first page modeís (page mode 1) external bus structure uses P2 as the primary address bus, (multiplexing both
the most significant byte and least significant byte of the address for each external memory cycle) and P0 is used
as the primary data bus. During external code fetches, P0 is held in a high-impedance state by the processor. Op
codes are driven by the external memory onto P0 and latched at the end of the external fetch cycle at the rising
edge of
PSEN. During external data read/write operations, P0 functions as the data I/O bus. It is held in a high-
impedance state for external reads from data memory and driven with data during external writes to data memory.
§
A page miss occurs when the most significant byte of the subsequent address is different from the last
address. The external memory machine cycle can be 2, 4, or 8 system clocks in length for a page miss.
§
A page hit occurs when the most significant byte of the subsequent address does not change from the last
address. The external memory machine cycle can be 1, 2, or 4 system clocks in length for a page hit.
During a page hit, P2 drives Addr [0ñ7] of the 16-bit address, while the most significant address byte is held in the
external address latches.
PSEN, RD, and WR strobes accordingly for the appropriate operation on the P0 data bus.
There is no ALE assertion for page hits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com