Electronic Components Datasheet Search
  English  ▼

X  

DS89C430 Datasheet(PDF) 41 Page - Maxim Integrated Products

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430 Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button DS89C430 Datasheet HTML 37Page - Maxim Integrated Products DS89C430 Datasheet HTML 38Page - Maxim Integrated Products DS89C430 Datasheet HTML 39Page - Maxim Integrated Products DS89C430 Datasheet HTML 40Page - Maxim Integrated Products DS89C430 Datasheet HTML 41Page - Maxim Integrated Products DS89C430 Datasheet HTML 42Page - Maxim Integrated Products DS89C430 Datasheet HTML 43Page - Maxim Integrated Products DS89C430 Datasheet HTML 44Page - Maxim Integrated Products DS89C430 Datasheet HTML 45Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
41 of 48
External/Hardware Reset
A hardware reset can be initiated by asserting the RST pin high for at least three external clock cycles while the
external clock is running. The reset is asserted immediately.
When the RST pin is taken to a logic low, the microcontroller exits the reset state within a delay that depends on
the state of the flash memory at the time the reset was asserted. If a flash write or erase operation was in progress,
the reset state is a 4ms maximum. If no flash write or erase operations were in progress, there is a delay of 90
external clock cycles. Operation resumes at address 0000h. If taking RST to a logic low causes the device to exit
stop mode, an additional delay of 65,536 clock cycles is experienced before operation begins.
Reset Output
If a reset is caused by a power-fail reset, a watchdog timer reset, or an internal system reset, a logic high output-
reset pulse is also generated at the bidirectional RST pin. This reset pulse is asserted as long as an internal reset
is asserted. Although the microcontroller generates its own power-on delay for crystal warmup, legacy designs may
employ an external RC circuit. Large values of ìCî may load the pin enough that the RST output may not achieve a
logic high, but the state of the external RST pin does not affect the internal reset condition.
Oscillator-Fail Detect and Reset
The DS89C430 incorporates an oscillator-fail-detect circuit that, when enabled, causes a reset if the crystal
oscillator frequency falls below 20kHz and holds the chip in reset with the ring oscillator operating. Setting the
OFDE (PCON.4) bit to logic 1 enables the circuit. The OFDE bit is only cleared from logic 1 to logic 0 by a power-
fail reset or by software. A reset caused by an oscillator failure also sets the OFDF (PCON.5) to logic 1. This flag is
cleared by software or power-on reset. This circuit does not force a reset when the oscillator is stopped by the
software-enabled stop mode.
Power-Management Mode
The power-management mode offers a software-controllable power-saving scheme by providing a reduced
instruction cycle speed, which allows the microcontroller to continue operating while using an internally divided
version of the clock source to save power. Power-management mode is invoked by software setting the clock-
divide control bits CD1 and CD0 (PMR.7ñ6) bits to 11b, which sets an operating rate of 1024 oscillator cycles for
one machine cycle. On all forms of reset, the clock-divide control bits default to 10b, which selects one oscillator
cycle per machine cycle.
Since the clock speed choice affects all functional logic, including timers, several hardware switchback features
allow the clock speed to automatically return to the divide-by-1 mode from a reduced cycle rate. Setting the SWB
(PMR.5) bit to 1 in software enables this switchback function.
When CD1 and CD0 are programmed to the divide-by-1024 mode and the SWB bit is also enabled, the system
forces the clock-divide control bits to automatically reset to the divide-by-1 mode whenever the system detects an
externally enabled (and allowed by nesting priorities) interrupt. The switchback occurs whenever one of the two
following conditions occurs. The first switchback condition is initiated by the detection of a low on either
INT0, INT1,
INT3, or INT5 or a high on INT2 or INT4 when the respective pin has been programmed and allowed (by nesting
priorities) to issue an interrupt. The second switchback condition occurs when either serial port is enabled to
receive data and is found to have an active-low transition on the respective receive-input pin. Serial port transmit
activity also forces a switchback if the SWB is set. Note that the serial port activity, as related to the switchback, is
independent of the serial port interrupt relationship. Any attempt to change the clock divider to the divide-by-1024
mode while the serial port is either transmitting or receiving has no effect, leaving the clock control in the divide-by-
1 mode. Note also that the switchback interrupt relationship requires that the respective external interrupt source is
allowed to actually generate an interrupt, as defined by the priority of the interrupt and the state of the nested
interrupts, before the switchback can actually occur. An interrupt by the serial port is not required, nor is the setting
of serial port enable. Disabling external interrupts and serial port receive/transmission mode disables the automatic
switchback mode. Clearing the SWB bit also disables the switchback, and all interrupt and serial port controls of
the clock divider are disabled. All other clock modes ignore the switchback relationship and are unaffected by
interrupts and serial port activity.
The basic divide-by-12 mode for the timers (TxMH, TxM = 00b) as well as the divide by 32 and 64 for mode 2 on
the serial ports has been maintained when running the processor with the oscillator divide ratio of 0.25, 0.5, and 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com