| Electronic Components Datasheet Search |
|
DS89C430 Datasheet(PDF) 23 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS89C430 Datasheet(HTML) 23 Page - Maxim Integrated Products |
|
23 / 48 page ![]() DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers 23 of 48 Note: The read/write accessibility of the flash memory during in-application programming is not affected by the state of the lock bits. However, the lock bits do affect the read/write accessibility in ROM loader and parallel programming modes. In-Application Programming by User Software The DS89C430 supports in-application programming of on-chip flash memory by user software. In-application programming is initiated by writing a flash command into the flash control (FCNTL:D5h) register to enable the flash memory for erase/program/verify operations. Address and data are input into the MMU through the flash data (FDATA:D6h) register. The flash command also enables read/write accesses to the FDATA. The MMUís sequencer provides the operation sequences and control functions to the flash memory. The MMU is designed to operate independently from the processor, except for read/write access to the SFRs. Only the upper bank of the on-chip program memory can be in-application programmed by the user software. The lower bank of the on-chip program memory contains system hardware-dependent codes that are crucial to system operation and should not be altered during in-application programming. All flash operations are self-timed. The user software can monitor the progress of an erase or programming operation through the flash busy (FBUSY;FCNTL.7) bit with a reset value at logic 1. A selected operation automatically starts when required data is written to the FDATA SFR. The MMU clears the FBUSY bit to indicate the start of a write/erase operation. The FBUSY bit may not change state for up to 1 ms after the operation is requested. During this time, the application should poll the status of the FBUSY bit waiting for it to change state. This bit is held low until either the end of the operation or until an error indicator is returned. A flash operating failure terminates the current operation and sets the flash error flag (FERR;FCNTL.6) to logic 1. Both the busy and error flags are read-only bits. Read/write access during in-application programming is not affected by the state of the lock bits. A sample programming sequence for a "write upper program memory bank" is shown below. The command must be reentered each time an operation is requested, i.e., it is not permissible to issue the ìwrite upper program memory bankî command once and then repeatedly load address and data values to program a block of memory. 1. Make sure the FBUSY bit is 1 to indicate flash MMU is idle. 2. Write 0Bh to the FCNTL register using the timed access sequence. 3. Write address_MSB to the FDATA register. 4. Write address_LSB to the FDATA register. 5. Write data_value to the FDATA register. 6. Make sure the FBUSY bit is 0 to indicate programming has started. 7. Wait for FBUSY bit to return to 1 to indicate end of programming operation. 8. Make sure FERR is 0 to indicate no programming error. The flash command (FC3ñFC0;FCNTL.3:0) bits provide flash commands as listed in Table 4. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |