Electronic Components Datasheet Search
  English  ▼

X  

DS89C430 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS89C430 Datasheet HTML 2Page - Maxim Integrated Products DS89C430 Datasheet HTML 3Page - Maxim Integrated Products DS89C430 Datasheet HTML 4Page - Maxim Integrated Products DS89C430 Datasheet HTML 5Page - Maxim Integrated Products DS89C430 Datasheet HTML 6Page - Maxim Integrated Products DS89C430 Datasheet HTML 7Page - Maxim Integrated Products DS89C430 Datasheet HTML 8Page - Maxim Integrated Products DS89C430 Datasheet HTML 9Page - Maxim Integrated Products DS89C430 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
6 of 48
AC CHARACTERISTICS (continued)
(VCC = 4.5V to 5.5V, TO = -40∞C to +85∞C.) (See Figure 1, Figure 2, and Figure 3.)
1-CYCLE
PAGE MODE 1
2-CYCLE
PAGE MODE 1
4-CYCLE
PAGE MODE 1
PAGE MODE 2
NONPAGE MODE
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
Port 0 Address to Valid Data
In (Note 16)
tAVDV0
3tCLCL - 20
+ tSTC1
3tCLCL - 20
+ tSTC1
ns
Port 2 Address to Valid Data
In (Note 16)
tAVDV2
tCLCL - 20
+ tSTC1
1.5tCLCL -
20 + tSTC1
3.5tCLCL -
20 + tSTC1
3.0tCLCL - 20
+ tSTC1
3.5tCLCL -
20 + tSTC1
ns
ALE Low to
RD or WR Low
(Note 16)
tLLRL
(tLLWL)
0.5tCLCL - 8 +
tSTC2
0.5tCLCL +
6 + tSTC2
2tCLCL - 8
+ tSTC2
2tCLCL + 6
+ tSTC2
4tCLCL - 8
+ tSTC2
4tCLCL + 6 +
tSTC2
0.5tCLCL - 8
+ tSTC2
0.5tCLCL + 4
+ tSTC2
0.5tCLCL - 8
+ tSTC2
0.5tCLCL + 5
+ tSTC2
ns
Port 0 Address Valid to
RD or
WR Low (Note 16)
tAVRL0
(tAVWL0)
1.5tCLCL - 5
+ tSTC2
tCLCL - 5 +
tSTC2
ns
Port 2 Address Valid to
RD or
WR Low (Note 16)
tAVRL2
(tAVWL2)
0 + tSTC5 - 5
0.5tCLCL - 5
+ tSTC5
1.5tCLCL - 5
+ tSTC5
tCLCL - 5 +
tSTC5
1.5tCLCL - 5
+ tSTC5
ns
Data Out Valid to
WR
Transition (Note 15)
tQVWX
-5
-5
-5
-5
-5
ns
Data Hold After
WR
(Note 15)
tWHQX
tCLCL + tSTC2
- 10
tCLCL + tSTC2
- 10
tCLCL + tSTC2
- 10
tCLCL + tSTC2
- 10
tCLCL + tSTC2
- 10
ns
RD or WR High to ALE High
(Note 15)
tRHLH
(tWHLH)
tSTC2 - 2
tSTC2 + 4
tSTC2 - 2
tSTC2 + 4
tSTC2 - 2
tSTC2 + 4
tSTC2 - 2
tSTC2 + 4
tSTC2 - 2
tSTC2 + 4
ns
Note: Specifications to -40∞C are guaranteed by design and are not production tested. AC electrical characteristics assume 50% duty cycle for the oscillator and are not 100% tested, but are
guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com