Electronic Components Datasheet Search
  English  ▼

X  

DS89C430 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS89C430 Datasheet HTML 11Page - Maxim Integrated Products DS89C430 Datasheet HTML 12Page - Maxim Integrated Products DS89C430 Datasheet HTML 13Page - Maxim Integrated Products DS89C430 Datasheet HTML 14Page - Maxim Integrated Products DS89C430 Datasheet HTML 15Page - Maxim Integrated Products DS89C430 Datasheet HTML 16Page - Maxim Integrated Products DS89C430 Datasheet HTML 17Page - Maxim Integrated Products DS89C430 Datasheet HTML 18Page - Maxim Integrated Products DS89C430 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
15 of 48
Terminology
The term DS89C430 is used in the remainder of the document to refer to the DS89C430, DS89C440, and
DS89C450, unless otherwise specified.
Compatibility
The DS89C430 is a fully static CMOS 8051-compatible microcontroller similar in functional features to the
DS87C520, but it offers much higher performance. In most cases, the DS89C430 can drop into an existing socket
for the 8xC51 family, immediately improving the operation. While remaining familiar to 8051 family users, the
DS89C430 has many new features. In general, software written for existing 8051-based systems works without
modification on the DS89C430, with the exception of critical timing routines, as the DS89C430 performs its
instructions much faster for any given crystal selection.
The DS89C430 provides three 16-bit timer/counters, two full-duplex serial ports, and 256 bytes of direct RAM plus
1kB of extra MOVX RAM. I/O ports can operate as in standard 8051 products. Timers default to 12 clocks-per-
cycle operation to keep their timing compatible with a legacy 8051 family systems. However, timers are individually
programmable to run at the new one clock per cycle if desired. The DS89C430 provides several new hardware
features, described in subsequent sections, implemented by new special-function registers (SFRs).
Performance Overview
Featuring a completely redesigned high-speed 8051-compatible core, the DS89C430 allows operation at a higher
clock frequency. This updated core does not have the wasted memory cycles that are present in a standard 8051.
A conventional 8051 generates machine cycles using the clock frequency divided by 12. The same machine cycle
takes one clock in the DS89C430. Thus, the fastest instructions execute 12 times faster for the same crystal
frequency (and actually 24 times faster for the INC data pointer instruction). It should be noted that this speed
improvement is reduced when using external memory access modes that require more than one clock per cycle.
Individual program improvement depends on the instructions used. Speed-sensitive applications would make the
most use of instructions that are 12 times faster. However, the sheer number of 12-to-1 improved op codes makes
dramatic speed improvements likely for any code. These architectural improvements produce instruction cycle
times as low as 30ns. The dual data pointer feature also allows the user to eliminate wasted instructions when
moving blocks of memory. The new page modes allow for increased efficiency in external memory accesses.
Instruction Set Summary
All instructions have the same functionality as their 8051 counterparts, including their affect on bits, flags, and other
status functions. However, the timing of each instruction is different, in both absolute and relative number of clocks.
For absolute timing of real-time events, the duration of software loops can be calculated using information given in
the Instruction Set table in the Ultra-High-Speed Flash Microcontroller Userís Guide. However, counter/timers
default to run at the older 12 clocks per increment. In this way, timer-based events occur at the standard intervals
with software executing at higher speed. Timers optionally can run at a reduced number of clocks per increment to
take advantage of faster processor operation.
The relative time of some instructions may be different in the new architecture. For example, in the original
architecture, the ìMOVX A, @DPTRî instruction and the ìMOV direct, directî instruction used two machine cycles
or 24 oscillator cycles. Therefore, they required the same amount of time. In the DS89C430, the MOVX instruction
takes as little as two machine cycles or two oscillator cycles, but the ìMOV direct, directî uses three machine cycles
or three oscillator cycles. While both are faster than their original counterparts, they now have different execution
times. This is because the DS89C430 usually uses one machine cycle for each instruction byte and requires one
cycle for execution. The user concerned with precise program timing should examine the timing of each instruction
to become familiar with the changes.
Special-Function Registers (SFRs)
All peripherals and operations that are not explicit instructions in the DS89C430 are controlled through SFRs. The
most common features basic to the architecture are mapped to the SFRs. These include the CPU registers (ACC,
B, and PSW), data pointers, stack pointer, I/O ports, timer/counters, and serial ports. In many cases, an SFR
controls an individual function or reports the functionís status. The SFRs reside in register locations 80hñFFh and
are only accessible by direct addressing. SFRs with addresses ending in 0h or 8h are bit addressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com