Electronic Components Datasheet Search
  English  ▼

X  

DS89C430 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS89C430 Datasheet HTML 1Page - Maxim Integrated Products DS89C430 Datasheet HTML 2Page - Maxim Integrated Products DS89C430 Datasheet HTML 3Page - Maxim Integrated Products DS89C430 Datasheet HTML 4Page - Maxim Integrated Products DS89C430 Datasheet HTML 5Page - Maxim Integrated Products DS89C430 Datasheet HTML 6Page - Maxim Integrated Products DS89C430 Datasheet HTML 7Page - Maxim Integrated Products DS89C430 Datasheet HTML 8Page - Maxim Integrated Products DS89C430 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
5 of 48
AC CHARACTERISTICS (continued)
(VCC = 4.5V to 5.5V, TO = -40∞C to +85∞C.) (See Figure 1, Figure 2, and Figure 3.)
1-CYCLE
PAGE MODE 1
2-CYCLE
PAGE MODE 1
4-CYCLE
PAGE MODE 1
PAGE MODE 2
NONPAGE MODE
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
PSEN Low to Valid Instruction
In
tPLIV
tCLCL - 20
tCLCL - 20
2tCLCL - 20
tCLCL - 20
2tCLCL - 20
ns
Input Instruction Hold After
PSEN
tPXIX
0
0
0
0
0
ns
Input Instruction Float After
PSEN
tPXIZ
tCLCL - 5
tCLCL - 5
ns
Port 0 Address to Valid
Instruction In
tAVIV0
1.5tCLCL - 22
3tCLCL - 22
ns
Port 2 Address to Valid
Instruction In
tAVIV2
tCLCL - 20
1.5tCLCL - 20
2.5tCLCL - 20
3tCLCL - 20
3.5tCLCL - 20
ns
PSEN Low to Port 0 Address
Float
tPLAZ
0
0
ns
RD Pulse Width (P3.7)
(Note 16)
tRLRH
tCLCL - 5
+ tSTC1
tCLCL - 5
+ tSTC1
2tCLCL - 5
+ tSTC1
2tCLCL - 5
+ tSTC1
2tCLCL - 5
+ tSTC1
ns
WR Pulse Width (P3.6)
(Note 16)
tWLWH
tCLCL - 5
+ tSTC1
tCLCL - 5
+ tSTC1
2tCLCL - 5
+ tSTC1
2tCLCL - 5
+ tSTC1
2tCLCL - 5
+ tSTC1
ns
RD (P3.7) Low to Valid Data In
(Note 16)
tRLDV
tCLCL - 18
+ tSTC1
tCLCL - 18
+ tSTC1
2tCLCL - 18
+ tSTC1
2tCLCL - 18
+ tSTC1
2tCLCL - 18
+ tSTC1
ns
Data Hold After
RD (P3.7)
tRHDX
0
0
0
0
0
ns
Data Float After
RD (P3.7)
tRHDZ
tCLCL - 5
tCLCL - 5
ns
MOVX ALE Low to Input Data
Valid (Note 16)
tLLDV
2tCLCL - 8
+ tSTC1
2tCLCL - 5
+ tSTC1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com