Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33742
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 7. SPI Timing Diagram
Figure 8. Propagation Loop Delay TXD to RXD
Figure 9. Propagation Delay TXD to CAN
Figure 10. Propagation Delay CAN to RXD
DI 0
DO 0
Undefined
Don’t Care
DI 8
Don’t Care
tLEAD
tSISU
tWSCLKH
DO 8
CS
SCLK
MOSI
MISO
Note
Incoming data at MOSI pin is sampled by the 33742 at SCLK falling edge. Outgoing data at MISO pin
is set by the 33742 at SCLK rising edge (after tVALID delay time).
tSIH
tWSCLKL
tLAG
tVALID
tSOEN
tSODIS
tPCLK
TXD
0.8 V
tLRD
0.8 V
RXD
tLDR
2.0 V
2.0 V
TXD
0.8 V
tTRD
0.9 V
VDIFF
2.0 V
0.5 V
tTDR
VDIFF = VCANH - VCANL
VDIFF
0.9 V
tRRD
2.0 V
tRDR
0.8 V
RXD
0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com