Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33742
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
OUTPUTS
5.0V LINEAR REGULATOR (LDO)
This low dropout linear regulator (V1) outputs a regulated
5.0V at 200mA. The associated monitoring circuit provides
detection of under-voltage, over-current, and short-circuit
conditions, as well as over-temperature and a reset function.
5.0V REGULATOR BASE PNP DRIVE
The V2 linear regulator control circuitry provides drive for
an external series pass transistor (PNP type). The 5.0V
output tracks the V1 regulator
HIGH SIDE SWITCH
The high switch provides a 2.0 Ohm (typ.) RDSON
MOSFET driver connected to the VSUP pin. The output is
protected against short-circuit conditions and provides over-
temperature shutdown.
CAN PHYSICAL LAYER INTERFACE
This circuitry provides communication between the TXD &
RXD pins, from/to the MCU, and the CANL & CANH pins of
the CAN physical interface. The various modes of the CAN
interface are controlled through the SPI control registers.
INTEGRATED SUPPLY
VSUP CONTROL & MONITOR
This circuitry protects the IC from transient conditions such
as vehicle jump-start (27V) and load dump (40V). If the VSUP
voltage falls below 3.0V (or a 6.0V warning interrupt), an
under-voltage detection is reported.
ANALOG CIRCUITRY
OSCILLATOR
This circuit is used to generate the internal timings for
reset, watchdog, cyclic wake-up, filtering time, etc.
MODE CONTROL
The 4 operating modes of the IC are controlled through the
SPI control registers. There are also several special modes
possible.
PROGRAMMABLE WAKE-UP
The 4 inputs are used in conjunction with various SPI
control register bits to determine the wake-up conditions and
the reaction of the IC. They can be connected to contact
switches or other ICs.
MC33742 - Functional Block Diagram
Analog Circuitry
MCU Interface
Outputs
Integrated Supply
Integrated Supply
VSUP Control & Monitor
Analog Circuitry
Mode Control
MCU Interface
SPI Interface
CAN Interface / Control
Reset & INT
Outputs
CAN Physical Layer
Interface
5.0V Linear
Regulator (LDO)
High-side
Switch
5.0V Regulator
Base PNP Drive
Oscillator
Watchdog Timer
Programmable Wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com