Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 66Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 67Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 68Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 69Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 70Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
67
33742
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 39. Thermal Test Board
Device on Thermal Test Board
Table 44. Thermal Resistance Performance
RθJA is the thermal resistance between die junction and
ambient air.
WDOG
MISO
SCLK
GND
GND
GND
GND
CANL
CANH
L3
L2
L1
CS
MOSI
RXD
RST
INT
GND
GND
GND
GND
V2
V2CTRL
VSUP
HS
L0
TXD
VDD
4
5
6
7
8
9
10
11
12
13
14
2
3
28
25
24
23
22
21
20
19
18
17
16
15
27
26
1
33742 Pin Connections
28-Pin SOICW
1.27 mm Pitch
18.0 mm x 7.5 mm Body
A
Material:
Single layer printed circuit board
FR4, 1.6mm thickness
Cu traces, 0.07mm thickness
Outline:
80mm x 100mm board area,
including edge connector for thermal
testing
Area A:
Cu heat-spreading areas on board
surface
Ambient Conditions: Natural convection, still air
A [mm²] RθJA [°C/W]
0
68
300
52
600
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com