Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
DEBUG MODE: HARDWARE AND SOFTWARE
DEBUG WITH THE 33742
When a SBC, and the MCU it serves, is used on the same
printed circuit board, both the MCU software and the 33742
operation must be debugged concurrently. The following
features permit system debugging by allowing the disabling
of the SBC internal software watchdog timer.
DEVICE POWER-UP, RESET PIN CONNECTED TO
VDD
The VDD voltage is available when the 33742 power-up
but the 33742 will not have received any SPI communication
to configure itself. Until set up by the system MCU, the 33742
will generate a reset every 350ms until the part is configured.
To avoid continuous MCU hardware resets, the 33742’s RST
pin can be connected directly to the VDD pin by a hardware
jumper.
DEBUG MODES WITH SOFTWARE WATCHDOG
DISABLED THOUGH SPI (NORMAL DEBUG,
STANDBY DEBUG, AND STOP DEBUG)
The software configurable watchdog can be disabled
through the SPI. To set the watchdog disable while limiting
the risk of inadvertently disabling the watchdog timer during
normal 33742 operation, it is recommended that the disable
be done using the following sequence:
• Step 1–Power down the SBC.
• Step 2–Power up the SBC. This sets the BATFAIL bit,
allowing the 33742 to enter Normal Request mode.
• Step 3–Write to the TIM1 sub register to allow the SBC to
enter Normal mode.
• Step 4–Write to the MCR register with data 0000. This
enables the debug mode. Complete SPI byte is
0001 0000.
• Step 5–Write to the MCR register normal debug. SPI byte
is 0001 x101.
Important
While in debug mode, the SBC can be used
without having to clear the watchdog on a regular basis to
facilitate software and hardware debug.
• Step 6–To leave the debug mode, write 0000 to the MCR
register.
At Step 2, the SBC is in Normal Request. Steps 3, 4, and 5
should be completed consecutively and within the 350ms
time period of the Normal Request mode. If not, the 33742
will go into Reset mode and enter Normal Request again.
Figure 15, page 34, illustrates debug mode selection.
Figure 15. Entering Debug Mode
When the SBC is operating in the debug mode and has
been set into Stop Debug or Sleep mode, a wake-up causes
the 33742 to enter the Normal Request mode for 350ms. To
avoid having the SBC generate an unwanted reset (enter
Reset mode), the next debug mode (Normal Debug or
Standby Debug) should be configured within the 350ms time
window of the Normal Request mode.
To avoid entering debug mode after a power-up, first read
the BATFAIL bit (MCR read) and write 0000 into the MCR
register.
Figures 16 and 17, page 35, show the detailed operation
of the SBC once the debug mode has been selected.
VSUP
SPI
MCR (Step 4)
BATFAIL
VDD
Debug Mode
MCR (Step 5)
SPI: Read BATFAIL
MCR (Step 6)
33742 in Debug mode.
33742 not in Debug mode.
TIM1(Step 3)
No Watchdog
Watchdog ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com