Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33742
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 13. SBC State Diagram (Not Valid in Debug Modes)
Figure 14. Operation After SBC Power-Up
Notes
43.
These two SPI commands must be sent consecutively in this sequence.
44.
If watchdog activated.
(VDD High Temperature OR [VDD Low > 100 ms & VSUP > BFew]) & Nostop &!BATFAIL
Watchdog: Timeout & Nostop &!BATFAIL
Power
Down
Reset
Normal Request
Stop
Sleep
Reset Counter (3.4 ms)
Expired
VDD Low OR Watchdog:
Timeout 350 ms & Nostop
1
SPI: Standby and
Watchdog Trigger
3
SPI: Stop & CS
LOW to HIGH
Transition
4
2
Watchdog: Timeout OR VDD Low
1
Watchdog: Timeout OR VDD Low
1
2
W
atc
hd
og
: T
im
eo
ut O
R
V
DD
Lo
w (4
4)
1
Wake-Up
1
2
3
4 Denotes priority
State Machine Description
Nostop = Nostop bit = 1
!Nostop = Nostop bit = 0
BATFAIL = Batfail bit = 1
!BATFAIL = Batfail bit = 0
VDD Over-temperature = VDD thermal shutdown occurs
VDD LOW = VDD below reset threshold
VDD LOW > 100 ms = VDD below reset threshold for more than 100 ms
Watchdog: Trigger = TIM1 subregister write operation
VSUP > BFew = VSUP > Battery Fail Early Warning (6.1 V typical)
Watchdog: Timeout = TIM1 register not written before watchdog timeout period
expired, or watchdog written in incorrect time window if watchdog window
selected (except Stop mode). In Normal Request mode, timeout is 355 ms
p2.2 (350 ms p3) ms.
SPI: Sleep = SPI write command to MCR register, data sleep
SPI: Stop = SPI write command to MCR register, data stop
SPI: Normal = SPI write command to MCR register, data normal
SPI: Standby = SPI write command to MCR register, data standby
Normal
Standby
Power-Up
Reset
Normal
Request
Normal
Trigger
Batfail
No Stop
Sleep
No
No
Yes
No
Yes
Yes
Operation after power-up if no trigger appears
Operation after reset of BATFAIL if no trigger appears



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com