Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
33742
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
MODE CONTROL REGISTER (MCR)
Tables 15 through 17 describes the various Mode Control Registers.
Table 15. Mode Control Register
MCR
R/W
D3
D2
D1
D0
$000b
W
–
MCTR2
MCTR1
MCTR0
R
BATFAIL(52)
VDDTEMP
GFAIL
WDRST
Reset Value
–
–
0
0
0
Reset Condition (Write)(53)
–
–
POR, RESET
POR, RESET
POR, RESET
Notes
52.
BATFAIL bit cannot be set by SPI. BATFAIL is set when VSUP falls below 3.0V.
53.
See Table 13 page 47, for definitions of reset conditions
Table 16. Mode Control Register Control Bits
MCTR
2
MCTR
1
MCTR
0
33742S Mode
Description
0
0
0
Enter/Exit Debug
Mode
To enter/exit Debug Mode, refer to detailed description in Debug Mode: Hardware and
Software Debug with the 33742, page 34.
0
0
1
Normal
–
0
1
0
Standby
–
0
1
1
Stop, Watchdog
OFF(54)
–
0
1
1
Stop, Watchdog
ON(54)
–
1
0
0
Sleep(55)
–
1
0
1
Normal
No Watchdog running. Debug mode.
1
1
0
Standby
1
1
1
Stop
Notes
54.
Watchdog ON or OFF depends on RCR bit D3.
55.
Before entering Sleep mode, BATFAIL bit in MCR must be previously cleared (MCR read operation), and NOSTOP bit in RCR must be
previously set to logic [1].
Table 17. Mode Control Register Status Bits
Name
Logic
Description
BATFAIL
0
VSUP was not below VBF.
1
VSUP has been below VBF.
VDDTEMP
0
No over-temperature pre-warning.
1
Temperature pre-warning on VDD regulator (bit latched).
GFAIL
0
No failure.
1
CAN Failure or HS over-temperature or V2 low.
WDRST
0
No watchdog reset occurred.
1
Watchdog reset occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com