Electronic Components Datasheet Search
  English  ▼

X  

33742 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 5. Static Electrical Characteristics
Characteristics noted under conditions 4.75V
≤ V2 ≤ 5.25V, 5.5V ≤ VSUP ≤ 18V, and -40°C ≤ TA ≤ 125°C. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT PIN (VSUP)
Supply Voltage
Nominal DC Voltage
Extended DC Voltage: Full Functionality(8)
Extended DC Voltage: Reduced Functionality(9)
Load Dump
Jump Start
VSUP
5.5
18
4.5
—
—
—
—
—
—
—
18
27
5.5
40
27
V
Supply Current in Standby Mode(10)
(IOUT at VDD = 40mA, CAN Recessive or Sleep Mode)
TA ≥ 25°C
ISUP(STDBY)
—
42
45
mA
Supply Current in Normal Mode(10)
(IOUT at VDD = 40mA, CAN Recessive or Sleep mode)
TA ≥ 25°C
ISUP(NORM)
—
42
45
mA
Supply Current in Sleep Mode(10)
(VDD and V2 OFF, CAN in Sleep Mode with CAN Wake-up Disabled(11))
VSUP < 13.5V, Oscillator Running(12)
VSUP < 13.5V, Oscillator Not Running(13)
VSUP = 18V, Oscillator Running(12)
ISUP(SLP-WD)
—
—
—
85
53
110
105
80
140
μA
Supply Current in Sleep Mode(10)
(V1 and V2 OFF, VSUP < 13.5V, Oscillator Not Running(13), CAN in Sleep
Mode with Wake-up Enabled)
TA = -40°C
TA = 25°C
TA = 125°C
ISUP(SLP-WE)
—
—
—
80
65
55
—
—
—
μA
Supply Current in Stop Mode(10)
(IOUT at VDD < 2.0mA, VDD ON, CAN in Sleep Mode with Wake-up
Disabled(11))
VSUP < 13.5V, Oscillator Running(12)
VSUP < 13.5V, Oscillator Not Running(13)
VSUP = 18V, Oscillator Running(12)
ISUP(STOP-WD)
—
—
—
—
80
100
160
160
210
μA
Notes
8.
All functions and modes available and operating: Watchdog, HS turn ON/turn OFF, CAN transceiver operating, L0:L3 inputs operating,
normal SPI operation. The 33742 may experience an over-temperature fault.
9.
At VDD > 4.0V, RST HIGH if reset 2 selected via SPI. The logic HIGH level will be degraded but the 33742 is functional.
10.
Current measured at the VSUP pin.
11.
If CAN Module is Sleep-enabled for wake-up, an additional current (ICAN-SLEEP) must be added to specified value.
12.
Oscillator running means one of the following function is active: Forced Wake-up or Cyclic Sense or Software Watchdog in Stop mode.
13.
Oscillator not running means none of the following functions are active: Forced Wake-up and Cyclic Sense and Software Watchdog in
Stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com