| Electronic Components Datasheet Search |
|
MCF52235 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MCF52235 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 54 page ![]() MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7 MCF52235 Family Configurations Freescale Semiconductor 22 1.3 Reset Signals Table 4 describes signals that are used to either reset the chip or as a reset indication. 1.4 PLL and Clock Signals Table 5 describes signals that are used to support the on-chip clock generation circuitry. 1.5 Mode Selection Table 6 describes signals used in mode selection, Table 6 describes particular clocking modes. 1.6 External Interrupt Signals Table 7 describes the external interrupt signals. Table 4. Reset Signals Signal Name Abbreviation Function I/O Reset In RSTI Primary reset input to the device. Asserting RSTI immediately resets the CPU and peripherals. I Reset Out RSTO Driven low for 512 CPU clocks after the reset source has deasserted. O Table 5. PLL and Clock Signals Signal Name Abbreviation Function I/O External Clock In EXTAL Crystal oscillator or external clock input. I Crystal XTAL Crystal oscillator output. O Clock Out CLKOUT This output signal reflects the internal system clock. O Table 6. Mode Selection Signals Signal Name Abbreviation Function I/O Reset Configuration RCON The Serial Flash Programming mode is entered by asserting the RCON pin (with the TEST pin negated) as the chip comes out of reset. During this mode, the EzPort has access to the Flash memory which can be programmed from an external device. — Test TEST Reserved for factory testing only and in normal modes of operation should be connected to VSS to prevent unintentional activation of test functions. I Table 7. External Interrupt Signals Signal Name Abbreviation Function I/O External Interrupts IRQ[15:1] External interrupt sources. I |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |