Electronic Components Datasheet Search
  English  ▼

X  

MCF52235 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MCF52235 Datasheet HTML 42Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 43Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 44Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 45Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 46Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 47Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 48Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 49Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
Electrical Characteristics
Freescale Semiconductor
46
2.14
Debug AC Timing Specifications
Table 40 lists specifications for the debug AC timing parameters shown in Figure 19.
Figure 18 shows real-time trace timing for the values in Table 40.
Figure 18. Real-Time Trace AC Timing
Figure 19 shows BDM serial port AC timing for the values in Table 40.
Figure 19. BDM Serial Port AC Timing
Table 40. Debug AC Timing Specification
Num
Characteristic
60 MHz
Units
Min
Max
D1
PST, DDATA to CLKOUT setup
4
—
ns
D2
CLKOUT to PST, DDATA hold
1.5
—
ns
D3
DSI-to-DSCLK setup
1
× t
CYC
—ns
D4 1
1 DSCLK and DSI are synchronized internally. D4 is measured from the synchronized DSCLK input relative to
the rising edge of CLKOUT.
DSCLK-to-DSO hold
4
× t
CYC
—ns
D5
DSCLK cycle time
5
× t
CYC
—ns
D6
BKPT input data setup time to CLKOUT Rise
4
—
ns
D7
BKPT input data hold time to CLKOUT Rise
1.5
—
ns
D8
CLKOUT high to BKPT high Z
0.0
10.0
ns
CLKOUT
PST[3:0]
D2
D1
DDATA[3:0]
DSI
DSO
Current
Next
CLKOUT
Past
Current
DSCLK
D3
D4
D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com