Electronic Components Datasheet Search
  English  ▼

X  

MCF52235 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MCF52235 Datasheet HTML 26Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 27Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 33Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
Electrical Characteristics
Freescale Semiconductor
30
Table 20. Thermal Characteristics
Characteristic
Symbol
Package1
1 The use of this device in one- or two-layer board designs is not recommended due to the limited thermal conductance
provided by those boards.
Value
Unit
Junction to ambient, natural convection
θ
JA
80-pin LQFP, four-layer board
36.02,3
2
θ
JMA and Ψjt parameters are simulated in conformance with EIA/JESD Standard 51-2 for natural convection. Freescale
recommends the use of
θ
JMA and power dissipation specifications in the system design to prevent device junction
temperatures from exceeding the rated specification. System designers should be aware that device junction temperatures
can be significantly influenced by board layout and surrounding devices. Conformance to the device junction temperature
specification can be verified by physical measurement in the customer’s system using the
Ψ
jt parameter, the device power
dissipation, and the method described in EIA/JESD Standard 51-2.
3 Per JEDEC JESD51-6 with the board horizontal.
°C/W
112-pin LQFP, four-layer board
35.0
121 MAPBGA, four-layer board
32
80-pin LQFP, one-layer board1
49.01
121 MAPBGA, one-layer board1
561
112-pin LQFP, one-layer board1
44.01
Junction to ambient (@200 ft/min)
θ
JMA
80-pin LQFP, four-layer board
30.0
°C/W
112-pin LQFP, four-layer board
29.0
121 MAPBGA, four-layer board
28
80-pin LQFP, one-layer board1
39.01
112-pin LQFP, one-layer board1
35.01
121 MAPBGA, one-layer board1
461
Junction to board
θ
JB
80-pin LQFP
22.04
4 Thermal resistance between the die and the printed circuit board in conformance with JEDEC JESD51-8. Board
temperature is measured on the top surface of the board near the package.
°C/W
112-pin LQFP
23.0
121 MAPBGA, four-layer board
18
Junction to case
θ
JC
80-pin LQFP
6.05
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
°C/W
112-pin LQFP
6.0
121 MAPBGA
10
Junction to top of package, natural convection
Ψ
jt
80-pin LQFP
2.06
6 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
in conformance with Psi-JT.
°C/W
112-pin LQFP
2.06
121 MAPBGA
2.06
Maximum operating junction temperature
Tj
All
130
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com