Electronic Components Datasheet Search
  English  ▼

X  

MCF52235 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MCF52235 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 33Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
Electrical Characteristics
Freescale Semiconductor
32
2.3
DC Electrical Specifications
Table 22. DC Electrical Specifications 1
1 Refer to Table 25 for additional PLL specifications.
Characteristic
Symbol
Min
Max
Unit
Supply voltage
VDD
3.0
3.6
V
Input high voltage
VIH
0.7
× V
DD
4.0
V
Input low voltage
VIL
VSS – 0.3
0.35 x VDD
V
Input hysteresis
VHYS
0.06
× V
DD
—mV
Low-voltage detect trip voltage (VDD falling)
VLVD
2.15
2.3
V
Low-voltage detect hysteresis (VDD rising)
VLVDHYS
60
120
mV
Input leakage current
Vin = VDD or VSS, input-only pins
Iin
–1.0
1.0
μA
High impedance (off-state) leakage current
Vin = VDD or VSS, all input/output and output pins
IOZ
–1.0
1.0
μA
Output high voltage (all input/output and all output pins)
IOH = –2.0 mA
VOH
VDD - 0.5
__
V
Output low voltage (all input/output and all output pins)
IOL = 2.0 mA
VOL
__
0.5
V
Weak internal pull-up device current, tested at VIL max.
2
2 Refer to Table 3 for pins with internal pull-up devices.
IAPU
–10
–130
μA
Input capacitance 3
All input-only pins
All input/output (three-state) pins
3 This parameter is characterized before qualification rather than 100% tested.
Cin
—
—
7
7
pF
Load capacitance4
Low drive strength
High drive strength
4 pF load ratings are based on DC loading and are provided as an indication of driver strength. High speed interfaces
require transmission line analysis to determine proper drive strength and termination.
CL
25
50
pF
DC injection current 3, 5, 6, 7
VNEGCLAMP =VSS– 0.3 V, VPOSCLAMP = VDD + 0.3
Single pin limit
Total MCU limit, Includes sum of all stressed pins
5 All functional non-supply pins are internally clamped to V
SS and their respective VDD.
6 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor,
calculate resistance values for positive and negative clamp voltages, then use the larger of the two values.
7 The power supply must maintain regulation within operating V
DD range during instantaneous and operating maximum
current conditions. If positive injection current (Vin > VDD) is greater than IDD, the injection current may flow out of VDD
and could result in external power supply going out of regulation. Ensure that the external VDD load shunts current
greater than maximum injection current. This is the greatest risk when the MCU is not consuming power. Examples are:
if no system clock is present, or if clock rate is very low which would reduce overall power consumption. Also, the system
clock is not present during the power-up sequence until the PLL has attained lock.
IIC
–1.0
–10
1.0
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com