Electronic Components Datasheet Search
  English  ▼

X  

MCF52235 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF52235 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
MCF52235 Family Configurations
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
3
1
MCF52235 Family Configurations
Table 1. MCF52235 Family Configurations
Module
52230
52231
52232
52233
52234
52235
52236
Version 2 ColdFire Core with EMAC
(Enhanced Multiply-Accumulate Unit)
••••••
•
System Clock (MHz)
60
60
50
60
60
60
50
Performance (Dhrystone 2.1 MIPS)
56
56
46
56
56
56
46
Flash / Static RAM (SRAM)
128/32
Kbytes
128/32
Kbytes
128/32
Kbytes
256/32
Kbytes
256/32
Kbytes
256/32
Kbytes
256/32
Kbytes
Interrupt Controllers (INTC0/INTC1)
••••••
•
Fast Analog-to-Digital Converter (ADC)
••••••
•
Random Number Generator and Crypto
Acceleration Unit (CAU)
—————
•
—
FlexCAN 2.0B Module
—
•
——
••
—
Fast Ethernet Controller (FEC) with on-chip
interface (EPHY)
••••••
•
Four-channel Direct-Memory Access (DMA)
••••••
•
Software Watchdog Timer (WDT)
••••••
•
Programmable Interrupt Timer
2222222
Four-Channel General Purpose Timer
••••••
•
32-bit DMA Timers
4444444
QSPI
••••••
•
UART(s)
3333333
I2C
••••••
•
Eight/Four-channel 8/16-bit PWM Timer
••••••
•
General Purpose I/O Module (GPIO)
••••••
•
Chip Configuration and Reset Controller
Module
••••••
•
Background Debug Mode (BDM)
••••••
•
JTAG - IEEE 1149.1 Test Access Port1
1 The full debug/trace interface is available only on the 112- and 121-pin packages. A reduced debug interface is bonded on the
80-pin package.
••••••
•
Package
80 LQFP
112 LQFP
80 LQFP
112 LQFP
80 LQFP
80 LQFP
112 LQFP
112 LQFP
121
MAPBGA
112 LQFP
121
MAPBGA
80 LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com