Electronic Components Datasheet Search
  English  ▼

X  

MCF52235 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MCF52235 Datasheet HTML 37Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 38Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 39Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 40Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 41Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 42Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 43Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 44Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Electrical Characteristics
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
41
2.9.1
Equivalent Circuit for ADC Inputs
Figure 10-17 shows the ADC input circuit during sample and hold. S1 and S2 are always open/closed at the same time that S3
is closed/open. When S1/S2 are closed and S3 is open, one input of the sample and hold circuit moves to (VREFH-VREFL)/2,
while the other charges to the analog input voltage. When the switches are flipped, the charge on C1 and C2 are averaged via
S3, with the result that a single-ended analog input is switched to a differential voltage centered about (VREFH-VREFL)/2. The
switches switch on every cycle of the ADC clock (open one-half ADC clock, closed one-half ADC clock). There are additional
capacitances associated with the analog input pad, routing, etc., but these do not filter into the S/H output voltage, as S1 provides
isolation during the charge-sharing phase. One aspect of this circuit is that there is an ongoing input current, which is a function
of the analog input voltage, VREF, and the ADC clock frequency.
fADIC
ADC internal clock
0.1
—
5.0
MHz
RAD
Conversion range
VREFL
—VREFH
V
tADPU
ADC power-up time5
—6
13
tAIC cycles
6
tREC
Recovery from auto standby
—
0
1
tAIC cycles
tADC
Conversion time
—
6
—
tAIC cycles
tADS
Sample time
—
1
—
tAIC cycles
CADI
Input capacitance
—
See Figure 12
—pF
XIN
Input impedance
—
See Figure 12
—W
IADI
Input injection current7, per pin
—
—
3
mA
IVREFH
VREFH current
—
0
—
mA
VOFFSET
Offset voltage internal reference
—
±11
±15
mV
EGAIN
Gain error (transfer path)
.99
1
1.01
—
VOFFSET
Offset voltage external reference
—
±3—
mV
SNR
Signal-to-noise ratio
—
62 to 66
—
dB
THD
Total harmonic distortion
—
–75
—
dB
SFDR
Spurious free dynamic range
—
75
—
dB
SINAD
Signal-to-noise plus distortion
—
65
—
dB
ENOB
Effective number OF bits
9.1
10.6
—
Bits
1 All measurements were made at V
DD = 3.3V, VREFH = 3.3V, and VREFL = ground
2 INL measured from V
IN = VREFL to VIN = VREFH
3 LSB = Least Significant Bit
4 INL measured from V
IN = 0.1VREFH to VIN = 0.9VREFH
5 Includes power-up of ADC and V
REF
6 ADC clock cycles
7 The current that can be injected or sourced from an unselected ADC signal input without impacting the performance of the
ADC
Table 35. ADC Parameters1 (continued)
Name
Characteristic
Min
Typical
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com