Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 105Page - Renesas Technology Corp 4553 Datasheet HTML 106Page - Renesas Technology Corp 4553 Datasheet HTML 107Page - Renesas Technology Corp 4553 Datasheet HTML 108Page - Renesas Technology Corp 4553 Datasheet HTML 109Page - Renesas Technology Corp 4553 Datasheet HTML 110Page - Renesas Technology Corp 4553 Datasheet HTML 111Page - Renesas Technology Corp 4553 Datasheet HTML 112Page - Renesas Technology Corp 4553 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 145 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
D9
D0
D9
D0
D9
D0
D9
D0
Rev.3.02
Dec 22, 2006
page 109 of 142
REJ03B0024-0302
4553 Group
WRST (Watchdog timer ReSeT)
1010100000
2A
0
11
–
(WDF1) = 1
Grouping:
Other operation
Description: Clears (0) to the WDF1 flag and skips the
next instruction when watchdog timer flag
WDF1 is “1.” When the WDF1 flag is “0,” ex-
ecutes the next instruction. Also, stops the
watchdog timer function when executing the
WRST instruction immediately after the
DWDT instruction.
Operation:
(WDF1) = 1 ?
(WDF1)
← 0
XAM j (eXchange Accumulator and Memory data)
101101
jjjj
2
D
j
11
–
–
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP)
with the contents of register A, an exclusive
OR operation is performed between regis-
ter X and the value j in the immediate field,
and stores the result in register X.
Operation:
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
XAMD j (eXchange Accumulator and Memory data and Decrement register Y and skip)
101111
jjjj
2
F
j
11
–
(Y) = 15
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP)
with the contents of register A, an exclusive
OR operation is performed between regis-
ter X and the value j in the immediate field,
and stores the result in register X.
Subtracts 1 from the contents of register Y.
As a result of subtraction, when the con-
tents of register Y is 15, the next instruction
is skipped. When the contents of register Y
is not 15, the next instruction is executed.
Operation:
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) – 1
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
XAMI j (eXchange Accumulator and Memory data and Increment register Y and skip)
101110
jjjj
2
E
j
11
–
(Y) = 0
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP)
with the contents of register A, an exclusive
OR operation is performed between regis-
ter X and the value j in the immediate field,
and stores the result in register X.
Adds 1 to the contents of register Y. As a re-
sult of addition, when the contents of
register Y is 0, the next instruction is
skipped. when the contents of register Y is
not 0, the next instruction is executed.
Operation:
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) + 1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com