Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 106Page - Renesas Technology Corp 4553 Datasheet HTML 107Page - Renesas Technology Corp 4553 Datasheet HTML 108Page - Renesas Technology Corp 4553 Datasheet HTML 109Page - Renesas Technology Corp 4553 Datasheet HTML 110Page - Renesas Technology Corp 4553 Datasheet HTML 111Page - Renesas Technology Corp 4553 Datasheet HTML 112Page - Renesas Technology Corp 4553 Datasheet HTML 113Page - Renesas Technology Corp 4553 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 145 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
Rev.3.02
Dec 22, 2006
page 110 of 142
REJ03B0024-0302
4553 Group
(A)
← (B)
(B)
← (A)
(A)
← (Y)
(Y)
← (A)
(E7–E4)
← (B)
(E3–E0)
← (A)
(B)
← (E7–E4)
(A)
← (E3–E0)
(DR2–DR0)
← (A2–A0)
(A2–A0)
← (DR2–DR0)
(A3)
← 0
(A1, A0)
← (Z1, Z0)
(A3, A2)
← 0
(A)
← (X)
(A2–A0)
← (SP2–SP0)
(A3)
← 0
(X)
← x x = 0 to 15
(Y)
← y y = 0 to 15
(Z)
← z z = 0 to 3
(Y)
← (Y) + 1
(Y)
← (Y) – 1
(A)
← (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) – 1
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) + 1
(M(DP))
← (A)
(X)
← (X)EXOR(j)
j = 0 to 15
TAB
TBA
TAY
TYA
TEAB
TABE
TDA
TAD
TAZ
TAX
TASP
LXY x, y
LZ z
INY
DEY
TAM j
XAM j
XAMD j
XAMI j
TMA j
MACHINE INSTRUCTIONS (INDEX BY TYPES)
0000011110
0000001110
0000011111
0000001100
0000011010
0000101010
0000101001
0001010001
0001010011
0001010010
0001010000
11x3
x2
x1
x0
y3
y2
y1
y0
00010010z1
z0
0000010011
0000010111
101100
jjjj
101101
jjjj
101111
jjjj
101110
jjjj
101011
jjjj
01 E
00 E
01 F
00 C
01 A
02 A
02 9
05 1
05 3
05 2
05 0
3x y
04 8
+z
01 3
01 7
2C j
2D j
2F j
2E j
2B j
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com