| Electronic Components Datasheet Search |
|
4553 Datasheet(PDF) 111 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4553 Datasheet(HTML) 111 Page - Renesas Technology Corp |
|
111 / 145 page ![]() Skip condition Datailed description Rev.3.02 Dec 22, 2006 page 111 of 142 REJ03B0024-0302 4553 Group – – – – – – – – – – – Continuous description – (Y) = 0 (Y) = 15 – – (Y) = 15 (Y) = 0 – – – – – – – – – – – – – – – – – – – – – Transfers the contents of register B to register A. Transfers the contents of register A to register B. Transfers the contents of register Y to register A. Transfers the contents of register A to register Y. Transfers the contents of register B to the high-order 4 bits (E7–E4) of register E, and the contents of regis- ter A to the low-order 4 bits (E3–E0) of register E. Transfers the high-order 4 bits (E7–E4) of register E to register B, and low-order 4 bits (E3–E0) of register E to register A. Transfers the contents of the low-order 3 bits (A2–A0) of register A to register D. Transfers the contents of register D to the low-order 3 bits (A2–A0) of register A. Transfers the contents of register Z to the low-order 2 bits (A1, A0) of register A. Transfers the contents of register X to register A. Transfers the contents of stack pointer (SP) to the low-order 3 bits (A2–A0) of register A. Loads the value x in the immediate field to register X, and the value y in the immediate field to register Y. When the LXY instructions are continuously coded and executed, only the first LXY instruction is executed and other LXY instructions coded continuously are skipped. Loads the value z in the immediate field to register Z. Adds 1 to the contents of register Y. As a result of addition, when the contents of register Y is 0, the next in- struction is skipped. When the contents of register Y is not 0, the next instruction is executed. Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y is 15, the next instruction is skipped. When the contents of register Y is not 15, the next instruction is executed. After transferring the contents of M(DP) to register A, an exclusive OR operation is performed between reg- ister X and the value j in the immediate field, and stores the result in register X. After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is per- formed between register X and the value j in the immediate field, and stores the result in register X. After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is per- formed between register X and the value j in the immediate field, and stores the result in register X. Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y is 15, the next instruction is skipped. When the contents of register Y is not 15, the next instruction is executed. After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is per- formed between register X and the value j in the immediate field, and stores the result in register X. Adds 1 to the contents of register Y. As a result of addition, when the contents of register Y is 0, the next in- struction is skipped. When the contents of register Y is not 0, the next instruction is executed. After transferring the contents of register A to M(DP), an exclusive OR operation is performed between reg- ister X and the value j in the immediate field, and stores the result in register X. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |