| Electronic Components Datasheet Search |
|
4553 Datasheet(PDF) 140 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4553 Datasheet(HTML) 140 Page - Renesas Technology Corp |
|
140 / 145 page ![]() Rev.3.02 Dec 22, 2006 page 140 of 142 REJ03B0024-0302 4553 Group Table 19 Product of built-in PROM version PROM size (✕ 10 bits) 8192 words RAM size (✕ 4 bits) 288 words M34553G8FP M34553G8HFP One Time PROM [shipped in blank] PLQP0048KB-A BUILT-IN PROM VERSION In addition to the mask ROM versions, the 4553 Group has the One Time PROM versions whose PROMs can only be written to and not be erased. The built-in PROM version has functions similar to those of the mask ROM versions, but it has PROM mode that enables writing to built-in PROM. (1) PROM mode The 4553 Group has a PROM mode in addition to a normal opera- tion mode. It has a function to serially input/output the command codes, addresses, and data required for operation (e.g., read and program) on the built-in PROM using only a few pins. This mode can be selected by muddog entry after powering on the VDD pin. In the PROM mode, three types of software commands (read, pro- gram, and program verify) can be used. Clock-synchronous serial I/O is used, beginning from the LSB (LSB first). (2) Notes on handling ➀ For the One Time PROM version shipped in blank, Renesas corp. does not perform PROM writing test and screening in the assembly process and following processes. In order to improve reliability after writing, performing writing and test according to the flow shown in Figure 60 before using is recommended (Prod- ucts shipped in blank: PROM contents is not written in factory when shipped). (3) Difference between Mask ROM version and One Time PROM version Mask ROM version and One Time PROM version have some dif- ference of the following characteristics within the limits of an electrical property by difference of a manufacture process, built- in ROM, and a layout pattern. • a characteristic value • a margin of operation • the amount of noise-proof • noise radiation, etc., Accordingly, be careful of them when swithcing. Fig. 68 Flow of writing and test of the product shipped in blank ROM type Package Part number Table 19 shows the product of built-in PROM version. Figure 61 shows the pin configurations of built-in PROM versions. The One Time PROM version has pin-compatibility with the mask ROM version. Writing with PROM programmer Screening (Leave at 150 °C for 40 hours) (Note) Verify test with PROM programmer Function test in target device Since the screening temperature is higher than storage temperature, never expose the microcomputer to 150 °C exceeding 100 hours. Note: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |